Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSCD102LSH Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # SSCD102LSH
Description  Low VF Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SSCD102LSH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  SSCD102LSH Datasheet HTML 1Page - Zowie Technology Corporation SSCD102LSH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZOWIE
(20V~40V / 1.0A)
SSCD102LSH AND SSCD104LSH
Low VF Schottky Barrier Diode
*
Halogen-free type
* Compliance to RoHS product
*
Lead less chip form, no lead damage
* Low power loss, High efficiency
* High current capability
* Low forward voltage drop
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
FEATURES
* Switching mode power supply applications
* Portable equipment battery applications
* High frequency rectification
* DC / DC Converter
* Telecommunication
APPLICATION
* 3,000 pieces per 7" (178mm ± 2mm) reel
* 4 reels per box
* 6 boxes per carton
PACKING
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Laser Cathode band marking
Weight : 0.012 gram
MECHANICAL DATA
2010/01
REV. 1
NOTES : (1) Pulse test width PW=300usec , 1% duty cycle.
(2) Mounted on P.C. board with 0.2 x 0.2"(5.0 x5.0mm) copper pad areas.
(3)
Preliminary draft.
Unit : mm
Case : 1206-S
OUTLINE DIMENSIONS
MARKING
Low VF
Equivalent : SOD-123
Cathode mark
Amps class
Voltage class
Voltage class : 2 = 20V, 4 = 40V
A2
LS
3.40 ± 0.1
0.05
R0.4
0
0.70 ± 0.2
0.70 ± 0.2
Small Package
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
SSCD104LSH
SSCD102LSH
40
20
V
IF(AV)
A
IFSM
A
Tj
TSTG
25
-55 to +125
-55 to +150
8.3ms single half sine-wave
ITEM
Average forward current
Symbol
Conditions
Unit
Peak forward surge current
Operating junction temperature Range
Rating
1.0
Repetitive peak reverse voltage
Storage temperature Range
oC
oC
Electrical characteristics (Ta = 25
o
C)
VF
ITEM
Symbol
Conditions
Type
V
Unit
Forward voltage (NOTE 1)
oC/W
Rth(JA)
Junction to ambient (NOTE 2)
Thermal resistance
oC/W
Rth(JL)
Junction to lead (NOTE 2)
pF
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
mA
Min.
-
-
-
-
Typ.
88
28
115
0.30
IF = 0.5A
IF = 1.0A
-
-
0.31
0.37
-
0.38
Max.
-
-
-
1.0
IRRM
Repetitive peak reverse current (NOTE 1)
VR = Max. VRRM , Ta = 25
oC
.
Halogen-free type


Similar Part No. - SSCD102LSH

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSCD102L SECOS-SSCD102L Datasheet
107Kb / 2P
1.0 A Surface Mount Schottky Barrier Rectifiers
logo
Zowie Technology Corpor...
SSCD102LH ZOWIE-SSCD102LH Datasheet
162Kb / 2P
Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SSCD102L SECOS-SSCD102L_15 Datasheet
107Kb / 2P
1.0 A Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SSCD102LSH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010EA NXP-PMEG2010EA Datasheet
106Kb / 7P
Low VF (MEGA) Schottky barrier diode
2004 Feb 06
PMEG2015EA NXP-PMEG2015EA Datasheet
110Kb / 7P
Low VF (MEGA) Schottky barrier diode
2004 Feb 03
PMEG6010AED NXP-PMEG6010AED Datasheet
106Kb / 7P
Low VF (MEGA) Schottky barrier diode
2003 Jun 27
logo
Pan Jit International I...
SX33L PANJIT-SX33L Datasheet
82Kb / 3P
LOW VF SCHOTTKY BARRIER DIODE
logo
Shenzhen Taychipst Elec...
SX33L TAYCHIPST-SX33L Datasheet
10Mb / 2P
LOW VF SCHOTTKY BARRIER DIODE
logo
Zowie Technology Corpor...
MSCD102LH ZOWIE-MSCD102LH Datasheet
232Kb / 2P
Low VF Schottky Barrier Diode
logo
Comchip Technology
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF Datasheet
254Kb / 4P
Low VF SMD Schottky Barrier Diode
logo
Zowie Technology Corpor...
MSCD104LH ZOWIE-MSCD104LH Datasheet
232Kb / 2P
Low VF Schottky Barrier Diode
SSCD104LSH ZOWIE-SSCD104LSH Datasheet
219Kb / 2P
Low VF Schottky Barrier Diode
logo
Pan Jit International I...
SX33L PANJIT-SX33L_16 Datasheet
269Kb / 5P
LOW VF SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com