Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # BAV99
Description  SMALL SIGNAL DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAV99 Datasheet(HTML) 2 Page - Rectron Semiconductor

  BAV99_08 Datasheet HTML 1Page - Rectron Semiconductor BAV99_08 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RECTRON
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
CHARACTERISTICS
V(BR)R
SYMBOL
VF(1)
VF(3)
Reverse Breakdown Voltage
Forward Voltage
Reverse Current
Total Capacitance
Reverse Recovery Time
I
R
C
T
Trr
VF(2)
Value
Unit
Testing Condition
70
715
855
1000
2.5
1.5
6
V
mV
mV
mV
uA
pF
nS
Ir=100uA
If=1mA
If=10mA
IF=50mA
If=150mA
Vr=70V
Vr=0V,F=1MHZ
If=Ir=10mA,RL=100 ohm, measured at ir=1mA
VF(4)
1250
m V
CHARACTERISTIC CURVES
FIG. 1 - FORWARD CURRENT
FORWARD VOLTAGE,VF (mV )
& FORWARD VOLTAGE
0
400
800
1200
1600
2000
500
400
300
200
100
0
FIG. 2 -
DIODE CAPACITANCE
REVERSE VOLTAGE, ( V )
200
100
60
40
20
10
6
4
2
1
.1
.2
.4
1.0
2
4
10
20
40
100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com