Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # HER201
Description  HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

HER201 Datasheet(HTML) 1 Page - Rectron Semiconductor

  HER201_11 Datasheet HTML 1Page - Rectron Semiconductor HER201_11 Datasheet HTML 2Page - Rectron Semiconductor HER201_11 Datasheet HTML 3Page - Rectron Semiconductor HER201_11 Datasheet HTML 4Page - Rectron Semiconductor HER201_11 Datasheet HTML 5Page - Rectron Semiconductor HER201_11 Datasheet HTML 6Page - Rectron Semiconductor HER201_11 Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HIGH EFFICIENCY RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
resistive or inductive load.
HER208
THRU
HER201
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 50OC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Current Squared Time
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
2.0
60
14.9
40
30
20
Amps
A
2S
0 C/W
0 C/W
0 C
Storage Temperature Range
R
q JL
Typical Thermal Resistance (Note 1)
10
Typical Thermal Resistance (Note 1)
0 C/W
R
q JC
15
R
q JA
IO
pF
Operating Temperature Range
TJ
HER201
50
-55 to + 150
150
0 C
HER202
HER203
HER204
HER205
HER206
100
200
300
400
35
70
140
210
280
50
100
200
300
400
HER207
HER208
HER201
HER202
HER203
HER204
HER205
HER206
HER207
HER208
600
800
1000
600
800
1000
420
560
700
2011-03
REV:B
CHARACTERISTICS
Maximum Average Reverse Current
Maximum Full Load Reverse Current, Full
cycle Average TL =55OC
Maximum Reverse Recovery Time (Note 4)
at Rated DC Blocking Voltage
VF
SYMBOL
I
trr
R
mA
mA
mA
Maximum Instantaneous Forward Voltage at 2.0A DC
Volts
5
100
100
50
75
nSec
@TA = 25
oC
@TA = 100
oC
1.0
UNITS
1.3
1.7
NOTES : 1. Thermal Resistance : At 9.5mm lead length,PCB mounted.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
4. Test Conditions: IF= 0.5A, IR= -1.0A, IRR= -0.25A.
3. “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.
FEATURES
* Low power loss,high efficiency
* Low leakage
* Low forward voltage drop
* High current capability
* High speed switching
* High reliability
* High current surge
* Weight:
* Case: Molded plastic
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
0.4 gram
* Epoxy: Device has UL flammability classification 94V-O
MECHANICAL DATA
DO-15
Dimensions in inches and (millimeters)
1.0 (25.4)
MIN.
.230 (5.8)
.300 (7.6)
1.0 (25.4)
MIN.
.140 (3.6)
.104 (2.6)
DIA.
.034 (0.9)
.028 (0.7)
DIA.
I
2T
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
5. Available in Halogen-free epoxy by adding suffix -HF after the part nbr.


Similar Part No. - HER201_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
HER201 MCC-HER201_11 Datasheet
245Kb / 3P
2.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Yangzhou yangjie electr...
HER201 YANGJIE-HER201_11 Datasheet
133Kb / 2P
High Efficient Rectifier
logo
Taiwan Semiconductor Co...
HER201 TSC-HER201_11 Datasheet
190Kb / 2P
2.0AMPS High Efficient Rectifiers
More results

Similar Description - HER201_11

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
RL201 WINGS-RL201 Datasheet
251Kb / 2P
SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Rectron Semiconductor
HER201 RECTRON-HER201 Datasheet
43Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere)
RL201 RECTRON-RL201 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
HFM201W RECTRON-HFM201W Datasheet
29Kb / 3P
SURFACE MOUNT HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
WILLAS ELECTRONIC CORP
FR201 WILLAS-FR201 Datasheet
250Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
Rectron Semiconductor
RL207-B RECTRON-RL207-B Datasheet
32Kb / 3P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
FR204-B RECTRON-FR204-B Datasheet
34Kb / 3P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
PACELEADER INDUSTRIAL
FR201 PACELEADER-FR201 Datasheet
495Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
Rectron Semiconductor
HER501G RECTRON-HER501G Datasheet
140Kb / 6P
HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 5.0 Amperes
HER601G RECTRON-HER601G Datasheet
110Kb / 7P
HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com