Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7152LS220 Datasheet(PDF) 32 Page - Analog Devices

Part # ADV7152LS220
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7152LS220 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADV7152LS220 Datasheet HTML 24Page - Analog Devices ADV7152LS220 Datasheet HTML 25Page - Analog Devices ADV7152LS220 Datasheet HTML 26Page - Analog Devices ADV7152LS220 Datasheet HTML 27Page - Analog Devices ADV7152LS220 Datasheet HTML 28Page - Analog Devices ADV7152LS220 Datasheet HTML 29Page - Analog Devices ADV7152LS220 Datasheet HTML 30Page - Analog Devices ADV7152LS220 Datasheet HTML 31Page - Analog Devices ADV7152LS220 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
ADV7152
–32–
REV. B
APPENDIX 8
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
100-Lead Plastic Power Quad Flatpack (S-100)
1
TOP VIEW
PIN 1
100
80
81
30
31
0.792 (20.10)
0.784 (19.90)
0.952 (24.15)
0.932 (23.65)
0.014 (0.35)
0.011 (0.27)
0.030 (0.75)
0.022 (0.55)
0.556 (14.10)
0.548 (13.90)
0.715 (18.15)
0.696 (17.65)
0.037 (0.95)
0.026 (0.65)
0.134
(3.40)
MAX
0.116 (2.94)
0.096 (2.44)
0.054 (1.37)
0.046 (1.17)
0.004
(0.102)
MAX
6
°±4°
10
°
4
°±4° MAX
50
51
0.054 (1.37)
0.046 (1.17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com