Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7170 Datasheet(PDF) 21 Page - Analog Devices

Part # ADV7170
Description  Digital PAL/NTSC Video Encoder with 10-Bit SSAF??and Advanced Power Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7170 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADV7170 Datasheet HTML 17Page - Analog Devices ADV7170 Datasheet HTML 18Page - Analog Devices ADV7170 Datasheet HTML 19Page - Analog Devices ADV7170 Datasheet HTML 20Page - Analog Devices ADV7170 Datasheet HTML 21Page - Analog Devices ADV7170 Datasheet HTML 22Page - Analog Devices ADV7170 Datasheet HTML 23Page - Analog Devices ADV7170 Datasheet HTML 24Page - Analog Devices ADV7170 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
ADV7170/ADV7171
–21–
REV. 0
OUTPUT VIDEO TIMING
The video timing generator generates the appropriate SYNC,
BLANK and BURST sequence that controls the output analog
waveforms. These sequences are summarized below. In slave
modes, the following sequences are synchronized with the input
timing control signals. In master modes, the timing generator
free runs and generates the following sequences in addition to
the output timing control signals.
NTSC–Interlaced: Scan Lines 1–9 and 264–272 are always
blanked and vertical sync pulses are included. Scan Lines 10–
21, 525, and 262, 263, 273–284 are also blanked and can be
used for closed captioning data. Burst is disabled on lines 1–6,
261–269 and 523–525.
NTSC–Noninterlaced: Scan Lines 1–9 are always blanked,
and vertical sync pulses are included. Scan Lines 10–21 are also
blanked and can be used for closed captioning data. Burst is
disabled on Lines 1–6, 261–262.
PAL–Interlaced: Scan Lines 1–6, 311–318 and 624–625 are
always blanked, and vertical sync pulses are included in Fields
1, 2, 5 and 6. Scan Lines 1–5, 311–319 and 624–625 are al-
ways blanked, and vertical sync pulses are included in Fields 3,
4, 7 and 8. The remaining scan lines in the vertical blanking
interval are also blanked and can be used for teletext data.
Burst is disabled on Lines 1–6, 311–318 and 623–625 in Fields
1, 2, 5 and 6. Burst is disabled on Lines 1–5, 311–319 and
623–625 in Fields 3, 4, 7 and 8.
PAL–Noninterlaced: Scan Lines 1–6 and 311–312 are always
blanked, and vertical sync pulses are included. The remaining
scan lines in the vertical blanking interval are also blanked and
can be used for teletext data. Burst is disabled on Lines 1–5,
310–312.
POWER-ON RESET
After power-up, it is necessary to execute a reset operation. A
reset occurs on the falling edge of a high-to-low transition on
the
RESET pin. This initializes the pixel port so that the
pixel inputs, P7–P0 are selected. After reset, the ADV7170/
ADV7171 is automatically set up to operate in NTSC mode.
Subcarrier frequency code 21F07C16HEX is loaded into the
subcarrier frequency registers. All other registers, with the
exception of Mode Register 0, are set to 00H. All bits in Mode
Register 0 are set to Logic Level “0” except Bit MR44. Bit
MR44 of Mode Register 4 is set to Logic “1.” This enables the
7.5 IRE pedestal.
SCH Phase Mode
The SCH phase is configured in default mode to reset every
four (NTSC) or eight (PAL) fields to avoid an accumulation of
SCH phase error over time. In an ideal system, zero SCH phase
error would be maintained forever, but in reality, this is impos-
sible to achieve due to clock frequency variations. This effect is
reduced by the use of a 32-bit DDS, which generates this SCH.
Resetting the SCH phase every four or eight fields avoids the
accumulation of SCH phase error, and results in very minor
SCH phase jumps at the start of the four or eight field sequence.
Resetting the SCH phase should not be done if the video source
does not have stable timing or the ADV7170/ADV7171 is con-
figured in RTC mode (MR21 = 1 and MR22 = 1). Under these
conditions (unstable video) the subcarrier phase reset should be
enabled (MR22 = 0 and MR21 = 1) but no reset applied. In
this configuration the SCH phase will never be reset, which
means that the output video will now track the unstable input
video. The subcarrier phase reset, when applied, will reset the
SCH phase to Field 0 at the start of the next field (e.g., subcarrier
phase reset applied in Field 5 [PAL] on the start of the next
field SCH phase will be reset to Field 0).
MPU PORT DESCRIPTION
The ADV7170 and ADV7171 support a two-wire serial (I
2C
Compatible) microprocessor bus driving multiple peripherals.
Two inputs, serial data (SDATA) and serial clock (SCLOCK),
carry information between any device connected to the bus.
Each slave device is recognized by a unique address. The
ADV7170 and ADV7171 each have four possible slave ad-
dresses for both read and write operations. These are unique
addresses for each device and are illustrated in Figure 33 and
Figure 34. The LSB sets either a read or write operation. Logic
Level “1” corresponds to a read operation, while Logic Level
“0” corresponds to a write operation. A “1” is set by setting the
ALSB pin of the ADV7170/ADV7171 to Logic Level “0” or
Logic Level “1.”
1
X
10
10
1
A1
ADDRESS
CONTROL
SET UP BY
ALSB
READ/WRITE
CONTROL
0
WRITE
1
READ
Figure 33. ADV7170 Slave Address
0
X
10
1
01
A1
ADDRESS
CONTROL
SET UP BY
ALSB
READ/WRITE
CONTROL
0
WRITE
1
READ
Figure 34. ADV7171 Slave Address
To control the various devices on the bus, the following proto-
col must be followed: first, the master initiates a data transfer by
establishing a start condition, defined by a high-to-low transition
on SDATA while SCLOCK remains high. This indicates that
an address/data stream will follow. All peripherals respond to
the start condition and shift the next eight bits (7-bit address +
R/
W bit). The bits transfer from MSB down to LSB. The pe-
ripheral that recognizes the transmitted address responds by
pulling the data line low during the ninth clock pulse. This is
known as an acknowledge bit. All other devices withdraw from
the bus at this point and maintain an idle condition. The idle
condition is where the device monitors the SDATA and SCLOCK
lines waiting for the start condition and the correct transmitted
address. The R/
W bit determines the direction of the data. A
Logic “0” on the LSB of the first byte means that the master
will write information to the peripheral. A Logic “1” on the
LSB of the first byte means that the master will read informa-
tion from the peripheral.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com