Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7172 Datasheet(PDF) 51 Page - Analog Devices

Part # ADV7172
Description  Digital PAL/NTSC Video Encoder with Six DACs 10 Bits, Color Control and Enhanced Power Management
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7172 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADV7172 Datasheet HTML 47Page - Analog Devices ADV7172 Datasheet HTML 48Page - Analog Devices ADV7172 Datasheet HTML 49Page - Analog Devices ADV7172 Datasheet HTML 50Page - Analog Devices ADV7172 Datasheet HTML 51Page - Analog Devices ADV7172 Datasheet HTML 52Page - Analog Devices ADV7172 Datasheet HTML 53Page - Analog Devices ADV7172 Datasheet HTML 54Page - Analog Devices ADV7172 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 59 page
background image
ADV7172/ADV7173
–51–
REV. A
If an output filter is required for the CVBS, Y, UV, Chroma
and RGB outputs of the ADV7172/ADV7173, the filter shown
below can be used. The plot of the filter characteristics is
shown in Figure 93. An Output Filter is not required if the
outputs of the ADV7172/ADV7173 are connected to most
analog monitors or analog TVs; however, if the output signals
are applied to a system where sampling is used (e.g., Digital
TVs), then a filter is required to prevent aliasing.
APPENDIX 7
OPTIONAL OUTPUT FILTER
2.2 H
22pF
270pF
330pF
FILTER I/P
FILTER O/P
Figure 92. Output Filter Used with Output Buffer
FREQUENCY – Hz
10k
100M
100k
1M
10M
0
–5
–70
–10
–15
–20
–25
–30
–35
–40
–45
–50
–55
–60
–65
VdB – OP
Figure 93. Output Filter Plot
APPENDIX 8
OPTIONAL DAC BUFFERING
When external buffering is needed of the ADV7172/ADV7173
DAC outputs, the configuration in Figure 94 is recommended.
This configuration shows the DAC outputs, A, B, C, running at
half (18 mA) their full current (36 mA) capability. This will
allow the ADV7172/ADV7173 to dissipate less power; the analog
current is reduced by 50% with a RSET1 = 300
Ω and R
SET2 =
600
Ω and an R
LOAD of 75
Ω. This mode is recommended for
3.3 V operation as optimum performance is obtained from the
DAC outputs at 18 mA with a VAA of 3.3 V. This buffer also
adds extra isolation on the video outputs (see buffer circuit in
Figure 95). Note that DACs D, E and F will always require
buffering as the full-scale output current from these DACs is
limited to 8.66 mA. With DACs A, B and C, buffering is op-
tional, based on the user requirements for performance and power
consumption.
When calculating absolute output full-scale current and voltage,
use the following equations:
VOUT
= I
OUT
× R
LOAD
IOUT
=
VREF
× K
()
RSET
K
= 4.2146 constant ,V
REF
= 1.235 V
ADV7172/ADV7173
VREF
PIXEL
PORT
VAA
OUTPUT
BUFFER
DAC A
CVBS
CHROMA
G
LUMA
B
R
300
RSET1
OUTPUT
BUFFER
DAC B
OUTPUT
BUFFER
DAC C
OUTPUT
BUFFER
DAC D
OUTPUT
BUFFER
DAC E
OUTPUT
BUFFER
DAC F
DIGITAL
CORE
600
RSET2
Figure 94. Output DAC Buffering Configuration
300
75
OUTPUT TO
OUTPUT FILTER/
TV MONITOR
1k
INPUT
+VCC
AD847
–VCC
1k
Figure 95. Recommended Output DAC Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com