Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USCD034RH Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # USCD034RH
Description  Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

USCD034RH Datasheet(HTML) 2 Page - Zowie Technology Corporation

  USCD034RH Datasheet HTML 1Page - Zowie Technology Corporation USCD034RH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZOWIE
(40V / 300mA)
USCD034RH
2007/11
REV. 0
0
10
1
100
5
10
15
20
1000
REVERSE VOLTAGE, (V)
FIG. 6 - TYPICAL JUNCTION CAPACITANCE
0
0.1
0.2
0.4
0.3
50
75
100
150
25
125
0
LEAD TEMPERATURE, (
o
C)
FIG. 1 - TYPICAL FORWARD CURRENT
DERATING CURVE
0.0
0.001
10
0.01
0.1
1.0
0.1
0.2
0.3
0.4
0.5
0.7
0.6
FORWARD VOLTAGE, (V)
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
Ta=25
o
C
0.0
10
400
100
200
300
0.1
0.2
0.3
0.4
0.5
0.7
0.6
FORWARD VOLTAGE, (V)
FIG.4 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
Ta=25
o
C
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave
(JEDEC Method)
0
1.0
1.5
2.0
2.5
0.5
1
10
100
0
100n
1u
10u
100u
1m
10m
100m
40
10
20
30
REVERSE VOLTAGE, (V)
FIG. 5 - REVERSE CHARACTERISTICS
125
o
C
75
o
C
25
o
C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com