Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7152LS85 Datasheet(PDF) 18 Page - Analog Devices

Part # ADV7152LS85
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7152LS85 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADV7152LS85 Datasheet HTML 14Page - Analog Devices ADV7152LS85 Datasheet HTML 15Page - Analog Devices ADV7152LS85 Datasheet HTML 16Page - Analog Devices ADV7152LS85 Datasheet HTML 17Page - Analog Devices ADV7152LS85 Datasheet HTML 18Page - Analog Devices ADV7152LS85 Datasheet HTML 19Page - Analog Devices ADV7152LS85 Datasheet HTML 20Page - Analog Devices ADV7152LS85 Datasheet HTML 21Page - Analog Devices ADV7152LS85 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ADV7152
–18–
REV. B
REGISTER PROGRAMMING
The following section describes each register, including Address
Register, Mode Register and each of the nine Control Registers
in terms of its configuration.
Address Register (A7–A0)
As illustrated in the previous tables, the C0 and C1 control in-
puts, in conjunction with this address register specify which con-
trol register, or color palette location is accessed by the MPU
port. The address register is 8-bits wide and can be read from as
well as written to. When writing to or reading from the color
palette on a sequential basis, only the start address needs to be
written. After a red, green and blue write sequence, the address
register is automatically incremented.
MODE REGISTER MR1 (MR19–MR10)
The mode register is a 10-bit wide register. However for pro-
gramming purposes, it may be considered as an 8-bit wide regis-
ter (MR18 and MR19 are both reserved). It is denoted as
MR17–MR10 for simplification purposes.
The diagram shows the various operations under the control of
the mode register. This register can be read from as well written
to. In read mode, if MR18 and MR19 are read back, they are
both returned as zeros.
MODE REGISTER (MR17–MR10) BIT DESCRIPTION
Reset Control (MR10)
This bit is used to reset the pixel port sampling sequence. This
ensures that the pixel sequence AB starts at A. It is reset by writ-
ing a “1” followed by a “0” followed by a “1.” This bit must be
run through this cycle during the initialization sequence.
RAM-DAC Resolution Control (MR11)
When this is programmed with a “1,” the RAM is 30 bits deep
(10 bits each for red, green and blue) and each of the three
DACs is configured for 10-bit resolution. When MR11 is pro-
grammed with a “0,” the RAM is 24 bits deep (8 bits each for
red, green and blue) and the DACs are configured for 8-bit
resolution. The two LSBs of the 10-bit DACs are pulled down
to zero in 8-bit RAM-DAC mode.
MPU Databus Width (MR12)
This bit determines the width of the MPU port. It is configured
as either a 10-bit wide (D9–D0) or 8-bit wide (D7–D0) bus.
10-bit data can be written to the device when configured in
8-bit wide mode. The 8 MSBs are first written on D7–D0, then
the two LSBs are written over D1–D0. Bits D9–D8 are zeros in
8-bit mode.
Operational Mode Control (MR14–MR13)
When MR14 is “0” and MR13 is “1,” the part operates in
normal mode.
Calibrate LOADIN (MR15)
This bit automatically calibrates the onboard LOADIN/
LOADOUT synchronization circuit. A “0” to “1” transition
initiates calibration. This bit is set to “0” in normal operation.
See “Pipeline Delay and Calibration” section. This bit must be
run through this cycle during the initialization sequence.
Palette Select Match Bits Control (MR17–MR16)
These bits allow multiple palette devices to work together.
When bits PSI and PS0 match MR17 and MR16 respectively,
the device is selected. If these bits do not match, the device is
not selected and the analog video outputs drive 0 mA, see
“Palette Priority Select Inputs” section.
Control Registers
The ADV7152 has 9 control registers. To access each register,
two write operations must be performed. The first write to the
address register specifies which of the 9 registers is to be ac-
cessed. The second access determines the value written to that
particular control register.
Pixel Test Register
(Address Reg (A7–A0) = 00H)
This register is used when the device is in test/diagnostic mode.
It is a 24-bit (8 bits each for RED, GREEN and BLUE) wide
read-only register which allows the MPU to read data on the
pixel port, see “Test Diagnostic” section.
MR17
MR16
MR14
MR13
MR12
MR11
MR10
MR15
MR19
MR18
CALIBRATE
LOADIN
MR15
* THESE BITS ARE READ-ONLY RESERVED BITS.
A READ CYCLE WILL RETURN ZEROS "00."
RESERVED*
RAM-DAC
RESOLUTION CONTROL
0
8-BIT
1
10-BIT
RESET CONTROL
MR10
MR16
PS0
MR17
PS1
PALETTE SELECT
MATCH BITS CONTROL
MR11
MPU DATA BUS
WIDTH
0
8-BIT (D7–D0)
1
10-BIT (D9–D0)
MR12
OPERATIONAL MODE CONTROL
0
0
RESERVED
0
1
NORMAL OPERATION
1
0
RESERVED
1
1
RESERVED
MR14 MR13
Mode Register 1 (MR1) (MR19–MR10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com