Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPAC803F Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SPAC803F
Description  GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 200 Volts CURRENT 8.0 Ampere
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SPAC803F Datasheet(HTML) 1 Page - Rectron Semiconductor

  SPAC803F Datasheet HTML 1Page - Rectron Semiconductor SPAC803F Datasheet HTML 2Page - Rectron Semiconductor SPAC803F Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VOLTAGE 200 Volts CURRENT 8.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
resistive or inductive load.
SPAC803F
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
FEATURES
* Low leakage
* Low forward voltage drop
* High current capability
* High surge capability
* High reliability
MECHANICAL DATA
* Case: Slim PAQ
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TC = 125
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TJ, TSTG
VRMS
UNITS
Volts
Volts
Amps
8.0
125
6.25
12.5
3.1
40
Amps
0 C/ W
0 C
Operating and Storage Temperature Range
Rθ JC
Rθ JA
Rθ JL
IO
-55 to + 175
pF
Volts
SPAC803F
200
200
140
2010-05
REV: B
CHARACTERISTICS
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 8.0A DC
Volts
10
@TA = 100
oC
@TA = 25
oC
1.1
100
UNITS
SPAC803F
NOTES : 1. Thermal Resistance : Heat-sink case mounted or if PCB mounted.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
4. Suffix "R" for Reverse Polarity.
Dimensions in inches and (millimeters)
Typical Current Square Time
I2T
A2S
64.8
5. Available in Halogen-free epoxy by adding suffix -HF after the part nbr.
SlimPAQ
.492 (12.5)
.452 (11.5)
.037 (0.95)
.043 (1.10)
.492 (12.5)
.452 (11.5)
.006 (0.15)
.010 (0.25)
.260 (6.60)
.280 (7.11)
.220 (5.59)
.245 (6.22)
.138 (3.5)
.098 (2.5)
1.25mm(Max.)
GLASS PASSIVATED SILICON RECTIFIER


Similar Part No. - SPAC803F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SPAC804F RECTRON-SPAC804F Datasheet
68Kb / 3P
GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 400 Volts CURRENT 8 Ampere
More results

Similar Description - SPAC803F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM806C RECTRON-FM806C Datasheet
307Kb / 3P
GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 800 Volts CURRENT 8.0 Amperes
USF81 RECTRON-USF81 Datasheet
33Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 8.0 Amperes
RL801K RECTRON-RL801K Datasheet
189Kb / 3P
GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
SR820K RECTRON-SR820K Datasheet
194Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 8.0 Ampere
SPAC804F RECTRON-SPAC804F Datasheet
68Kb / 3P
GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 400 Volts CURRENT 8 Ampere
FM2000 RECTRON-FM2000 Datasheet
176Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
R1500G RECTRON-R1500G Datasheet
112Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 1500 Volts CURRENT 1.5 Ampere
EFM504 RECTRON-EFM504 Datasheet
117Kb / 7P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 200 Volts CURRENT 5.0 Ampere
FM2000B RECTRON-FM2000B Datasheet
81Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
2022-02 REV: O
FM2000F RECTRON-FM2000F Datasheet
410Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
2020-01/97 REV: O
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com