Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPAC804F Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SPAC804F
Description  GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 400 Volts CURRENT 8 Ampere
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SPAC804F Datasheet(HTML) 1 Page - Rectron Semiconductor

  SPAC804F Datasheet HTML 1Page - Rectron Semiconductor SPAC804F Datasheet HTML 2Page - Rectron Semiconductor SPAC804F Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VOLTAGE 400 Volts CURRENT 8 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
resistive or inductive load.
SPAC804F
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (@TA=25 OC unless otherwise noted)
FEATURES
* Low leakage
* Low forward voltage drop
* High current capability
* High surge capability
* High reliability
MECHANICAL DATA
* Case: Slim PAQ
* Epoxy:
*
* Mounting position: Any
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TC = 125
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TJ, TSTG
VRMS
UNITS
Volts
Volts
Amps
8
125
6.25
12.5
3.1
40
Amps
0 C/ W
0 C
Operating and Storage Temperature Range
Rq JC
Rq JA
Rq JL
IO
-55 to + 175
pF
Volts
400
SPAC804F
400
280
2010-05
REV: B
CHARACTERISTICS
at Rated DC Blocking Voltage
VF
SYMBOL
IR
µAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 8 A DC
Volts
10
@TA = 100
oC
@TA = 25
oC
1.1
100
UNITS
SPAC804F
NOTES : 1. Thermal Resistance : Heat-sink case mounted or if PCB mounted.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
4. Suffix "R" for Reverse Polarity.
Dimensions in inches and (millimeters)
Typical Current Square Time
I2T
A2S
64.8
Device has UL flammability classification 94V-O
Lead: MIL-STD-202E method 208C guaranteed
GLASS PASSIVATED SILICON RECTIFIER
SlimPAQ
.492 (12.5)
.452 (11.5)
.037 (0.95)
.043 (1.10)
.492 (12.5)
.452 (11.5)
.006 (0.15)
.010 (0.25)
.260 (6.60)
.280 (7.11)
.220 (5.59)
.245 (6.22)
.138 (3.5)
.098 (2.5)
1.25mm(Max.)
5. Available in Halogen-free epoxy by adding suffix -HF after the part nbr.


Similar Part No. - SPAC804F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SPAC803F RECTRON-SPAC803F Datasheet
65Kb / 3P
GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 200 Volts CURRENT 8.0 Ampere
More results

Similar Description - SPAC804F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
EFM101 RECTRON-EFM101 Datasheet
27Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
ESM101 RECTRON-ESM101 Datasheet
26Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
SF11 RECTRON-SF11 Datasheet
27Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
UFM101 RECTRON-UFM101 Datasheet
21Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
EFM101 RECTRON-EFM101_06 Datasheet
559Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
SPAC803F RECTRON-SPAC803F Datasheet
65Kb / 3P
GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 200 Volts CURRENT 8.0 Ampere
FM2000 RECTRON-FM2000 Datasheet
176Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
R1500G RECTRON-R1500G Datasheet
112Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 1500 Volts CURRENT 1.5 Ampere
FM2000B RECTRON-FM2000B Datasheet
81Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
2022-02 REV: O
FM2000F RECTRON-FM2000F Datasheet
410Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
2020-01/97 REV: O
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com