Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7191 Datasheet(PDF) 29 Page - Analog Devices

Part # ADV7191
Description  Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7191 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADV7191 Datasheet HTML 25Page - Analog Devices ADV7191 Datasheet HTML 26Page - Analog Devices ADV7191 Datasheet HTML 27Page - Analog Devices ADV7191 Datasheet HTML 28Page - Analog Devices ADV7191 Datasheet HTML 29Page - Analog Devices ADV7191 Datasheet HTML 30Page - Analog Devices ADV7191 Datasheet HTML 31Page - Analog Devices ADV7191 Datasheet HTML 32Page - Analog Devices ADV7191 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 69 page
background image
ADV7190/ADV7191
–29–
REV. 0
MODE REGISTER 0
MR0 (MR07–MR00)
(Address (SR4–SR0) = 00H)
Figure 50 shows the various operations under the control of
Mode Register 0.
MR0 BIT DESCRIPTION
Output Video Standard Selection (MR00–MR01)
These bits are used to set up the encoder mode. The ADV7190/
ADV7191 can be set up to output NTSC, PAL (B, D, G, H, I),
PAL M or PAL N standard video.
Luminance Filter Select (MR02–MR04)
These bits specify which luma filter is to be selected. The filter
selection is made independent of whether PAL or NTSC is
selected.
Chrominance Filter Select (MR05–MR07)
These bits select the chrominance filter. A low-pass filter can be
selected with a choice of cut-off frequencies (0.65 MHz, 1.0 MHz,
1.3 MHz, 2 MHz, or 3 MHz) along with a choice of CIF or
QCIF filters.
MODE REGISTER 1
MR1 (MR17–MR10)
(Address (SR4–SR0) = 01H)
Figure 51 shows the various operations under the control of
Mode Register 1.
MR1 BIT DESCRIPTION
DAC Control (MR10–MR15)
Bits MR15–MR10 can be used to power down the DACs. This are
used to reduce the power consumption of the ADV7190/ADV7191
or if any of the DACs are not required in the application.
4
Oversampling Control (MR16)
To enable 4
× Oversampling this bit has to be set to 1. When
enabled, the data is output at a frequency of 54 MHz.
Note that PLL Enable Control has to be enabled (MR61 = 0) in
4
× Oversampling mode.
Reserved (MR17)
A Logical 0 must be written to this bit.
MR07
MR06
MR05
MR04
MR03
MR02
MR01
MR00
CHROMA FILTER SELECT
0
0
0
1.3 MHz LOW-PASS FILTER
0
0
1
0.65 MHz LOW-PASS FILTER
0
1
0
1.0 MHz LOW-PASS FILTER
0
1
1
2.0 MHz LOW-PASS FILTER
1
0
0
RESERVED
1
0
1
CIF
1
1
0
QCIF
1
1
1
3.0 MHz LOW-PASS FILTER
MR07 MR06 MR05
MR04 MR03 MR02
LUMA FILTER SELECT
0
0
0
LOW-PASS FILTER (NTSC)
0
0
1
LOW-PASS FILTER (PAL)
0
1
0
NOTCH FILTER (NTSC)
0
1
1
NOTCH FILTER (PAL)
1
0
0
EXTENDED MODE
1
0
1
CIF
1
1
0
QCIF
1
1
1
RESERVED
MR01 MR00
0
0
NTSC
0
1
PAL (B, D, G, H, I)
1
0
PAL (M)
1
1
PAL (N)
OUTPUT VIDEO
STANDARD SELECTION
Figure 50. Mode Register 0 (MR0)
MR17
MR16
MR15
MR14
MR13
MR12
MR11
MR10
DAC A
DAC CONTROL
0
POWER-DOWN
1
NORMAL
MR15
DAC C
DAC CONTROL
0
POWER-DOWN
1
NORMAL
MR13
DAC E
DAC CONTROL
0
POWER-DOWN
1
NORMAL
MR11
4
OVERSAMPLING
CONTROL
02
OVERSAMPLING
14
OVERSAMPLING
MR16
DAC B
DAC CONTROL
0
POWER-DOWN
1
NORMAL
MR14
DAC D
DAC CONTROL
0
POWER-DOWN
1
NORMAL
MR12
DAC F
DAC CONTROL
0
POWER-DOWN
1
NORMAL
MR10
MR17
ZERO MUST
BE WRITTEN
TO THIS BIT
Figure 51. Mode Register 1 (MR1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com