Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7231 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT7231
Description  4A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7231 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT7231 Datasheet HTML 9Page - Richtek Technology Corporation RT7231 Datasheet HTML 10Page - Richtek Technology Corporation RT7231 Datasheet HTML 11Page - Richtek Technology Corporation RT7231 Datasheet HTML 12Page - Richtek Technology Corporation RT7231 Datasheet HTML 13Page - Richtek Technology Corporation RT7231 Datasheet HTML 14Page - Richtek Technology Corporation RT7231 Datasheet HTML 15Page - Richtek Technology Corporation RT7231 Datasheet HTML 16Page - Richtek Technology Corporation RT7231 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
RT7231/32/33/34
13
DS7231/32/33/34-00
March 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Output Voltage Setting
The resistive divider allows the FB pin to sense the output
voltage as shown in Figure 4.
Figure 4. Output Voltage Setting
OUT
OUT
L
IN
VV
I =
1
fL
V
⎡⎤ ⎡
⎤
Δ× −
⎢⎥ ⎢
⎥
×
⎣⎦ ⎣
⎦
Having a lower ripple current reduces not only the ESR
losses in the output capacitors but also the output voltage
ripple. High frequency with small ripple current can achieve
Under Voltage Lockout Protection
The RT7231/32/33/34 has Under Voltage Lockout
Protection (UVLO) that monitors the voltage of PVCC pin.
When the VPVCC voltage is lower than UVLO threshold
voltage, the RT7231/32/33/34 will be turned off in this state.
This is non-latch protection.
Over Temperature Protection
The RT7231/32/33/34 equips an Over Temperature
Protection (OTP) circuitry to prevent overheating due to
excessive power dissipation. The OTP will shut down
switching operation when junction temperature exceeds
150
°C. Once the junction temperature cools down by
approximately 25
°C the main converter will resume
operation. To keep operating at maximum, the junction
temperature should be prevented from rising above 150
°C.
Inductor Selection
The inductor value and operating frequency determine the
ripple current according to a specific input and an output
voltage. The ripple current
ΔIL increases with higher VIN
and decreases with higher inductance.
The output voltage is set by an external resistive divider
according to the following equation. It is recommended to
use 1% tolerance or better divider resistors.
)
OUT
R1
V
= 0.765 (1
R2
×+
Input and Output Capacitors Selection
The input capacitance, CIN, is needed to filter the
trapezoidal current at the source of the high side MOSFET.
A low ESR input capacitor with larger ripple current rating
should be used for the maximum RMS current. The RMS
current is given by :
OUT
IN
RMS
OUT(MAX)
IN
OUT
V
V
I
= I
1
VV
−
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT / 2. This simple worst-case condition is
commonly used for design because even significant
deviations do not offer much relief.
Choose a capacitor rated at a higher temperature than
required. Several capacitors may also be paralleled to
meet size or height requirements in the design. For the
input capacitor, two 10
μF and 0.1μF low ESR ceramic
capacitors are recommended.
The selection of COUT is determined by the required ESR
to minimize voltage ripple.
Moreover, the amount of bulk capacitance is also a key
for COUT selection to ensure that the control loop is stable.
The output ripple,
ΔVOUT , is determined by :
OUT
L
OUT
1
VI
ESR
8fC
⎡⎤
Δ≤ Δ
+
⎢⎥
⎣⎦
The output ripple will be highest at the maximum input
voltage since
ΔIL increases with input voltage. Multiple
capacitors placed in parallel may need to meet the ESR
and RMS current handling requirements.
Higher values, lower cost ceramic capacitors are now
becoming available in smaller case sizes. Their high ripple
current, high voltage rating and low ESR make them ideal
for switching regulator applications. However, care must
highest efficiency operation. However, it requires a large
inductor to achieve this goal. For the ripple current
selection, the value of
ΔIL = 0.2(IMAX) will be a reasonable
starting point. The largest ripple current occurs at the
highest VIN. To guarantee that the ripple current stays
below the specified maximum, the inductor value should
be chosen according to the following equation :
OUT
OUT
L(MAX)
IN(MAX)
VV
L =
1
fI
V
⎡⎤ ⎡
⎤
×−
⎢⎥ ⎢
⎥
×Δ
⎣⎦ ⎣
⎦
GND
FB
R1
R2
VOUT
RT7231/32/33/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com