Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7232 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT7232
Description  4A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7232 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT7232 Datasheet HTML 3Page - Richtek Technology Corporation RT7232 Datasheet HTML 4Page - Richtek Technology Corporation RT7232 Datasheet HTML 5Page - Richtek Technology Corporation RT7232 Datasheet HTML 6Page - Richtek Technology Corporation RT7232 Datasheet HTML 7Page - Richtek Technology Corporation RT7232 Datasheet HTML 8Page - Richtek Technology Corporation RT7232 Datasheet HTML 9Page - Richtek Technology Corporation RT7232 Datasheet HTML 10Page - Richtek Technology Corporation RT7232 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
RT7231/32/33/34
7
DS7231/32/33/34-00
March 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
* : VCC pin for TSSOP-14 (Exposed Pad) only.
VS pin for TSSOP-14 (Exposed Pad) only.
GND pin for TSSOP-14 (Exposed Pad) only.
PGOOD pin for TSSOP-14 (Exposed Pad) and WDFN-10L 3x3 only.
RT7231/32/33/34
FB
VCC*
VIN
10µF x 2
C1
0.1µF
C2
BOOT
L1
1.4µH
0.1µF
C6
22µF x 2
C7
SW
SS
3.9nF
C5
1µF
C4
VOUT
1.05V/4A
22k
R2
C3
VIN
VS*
8.25k
R1
EN
GND*
PGND
R3
100k
Input Signal
PGOOD*
VREG5
Power GOOD
Table 1. Suggested Component Values (VIN = 12V)
VOUT (V)
R1 (k
Ω)
R2 (k
Ω)
C3 (pF)
L1 (
μH)
C7 (
μF)
1
6.81
22.1
--
1.4
22 to 68
1.05
8.25
22.1
--
1.4
22 to 68
1.2
12.7
22.1
--
1.4
22 to 68
1.8
30.1
22.1
5 to 22
2
22 to 68
2.5
49.9
22.1
5 to 22
2
22 to 68
3.3
73.2
22.1
5 to 22
2
22 to 68
5
124
22.1
5 to 22
3.3
22 to 68
7
180
22.1
5 to 22
3.3
22 to 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com