Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7233 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT7233
Description  4A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7233 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT7233 Datasheet HTML 1Page - Richtek Technology Corporation RT7233 Datasheet HTML 2Page - Richtek Technology Corporation RT7233 Datasheet HTML 3Page - Richtek Technology Corporation RT7233 Datasheet HTML 4Page - Richtek Technology Corporation RT7233 Datasheet HTML 5Page - Richtek Technology Corporation RT7233 Datasheet HTML 6Page - Richtek Technology Corporation RT7233 Datasheet HTML 7Page - Richtek Technology Corporation RT7233 Datasheet HTML 8Page - Richtek Technology Corporation RT7233 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
RT7231/32/33/34
4
DS7231/32/33/34-00
March 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
* : VCC pin for TSSOP-14 (Exposed Pad) only.
VS pin for TSSOP-14 (Exposed Pad) only.
GND pin for TSSOP-14 (Exposed Pad) only.
PGOOD pin for TSSOP-14 (Exposed Pad) and WDFN-10L 3x3 only.
Operation
The RT7231/32/33/34 is a synchronous step-down
converter with advanced constant on-time control mode.
Using the ACOTTM control mode can reduce the output
capacitance and provide fast transient response. It can
minimize the component size without additional external
compensation network.
Power Good
(for TSSOP-14 (Exposed Pad) and WDFN-10L 3x3 only)
After soft-start is finished, the power good function will be
activated. When the FB is activated, the PGOOD will
become an open-drain output. If the FB is below, the
PGOOD pin will be pulled low.
Internal Regulator
The regulator provides 5V power to supply the internal
control circuit. Connecting a 1
μF ceramic capacitor for
decoupling and stability is required.
Soft-Start
In order to prevent the converter output voltage from
overshooting during the startup period, the soft-start
function is necessary. The soft-start time is adjustable
and can be set by an external capacitor.
Current Protection
The inductor current is monitored via the internal switches
in cycle-by-cycle. Once the output voltage drops under
UV threshold, the device will enter latch mode for TSSOP-
14 (Exposed Pad), and hiccup mode for WDFN-10L 3x3.
UVLO Protection
To protect the chip from operating at insufficient supply
voltage, the UVLO is needed. When the input voltage of
VCC is lower than the UVLO falling threshold voltage, the
device will be latch-off.
Output Discharge Control
(for TSSOP-14 (Exposed Pad) only)
When EN pin is low, the RT7231/32 will discharge the
output with an internal 50
Ω MOSFET connected between
VOUT to GND pin.
Thermal Shutdown
When the junction temperature exceeds the OTP
threshold value, the IC will shut down the switching
operation. Once the junction temperature cools down and
is lower than the OTP lower threshold, the converter will
automatically resume switching
VCC*
POR &
Reg
Driver
BOOT
VREG5
Control
VBIAS
On-Time
VIN
FB
Min.
Off-Time
Ripple
Gen.
VREF
ZC
Comparator
SS
SW
PGND
EN
VREG5
OC
+
-
-
2µA
VREG5
UV & OV
SW
FB
VS*
VIN
Comparator
+
-
FB
0.9 x VREF
PGOOD*
GND*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com