Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7240 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT7240
Description  5A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7240 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT7240 Datasheet HTML 1Page - Richtek Technology Corporation RT7240 Datasheet HTML 2Page - Richtek Technology Corporation RT7240 Datasheet HTML 3Page - Richtek Technology Corporation RT7240 Datasheet HTML 4Page - Richtek Technology Corporation RT7240 Datasheet HTML 5Page - Richtek Technology Corporation RT7240 Datasheet HTML 6Page - Richtek Technology Corporation RT7240 Datasheet HTML 7Page - Richtek Technology Corporation RT7240 Datasheet HTML 8Page - Richtek Technology Corporation RT7240 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
RT7235/36/39/40
2
DS7235/36/39/40-00
March 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Ordering Information
Discontinuous Operating Mode
RT7236
Package Type
CP : TSSOP-14 (Exposed Pad)
QW : WDFN-10L 3x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT7240
Package Type
SP : SOP-8 (Exposed Pad-Option 2)
Lead Plating System
G : Green (Halogen Free and Pb Free)
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
Pin Configurations
(TOP VIEW)
TSSOP-14 (Exposed Pad)
1N=YM
DNN
1N= : Product Code
YMDNN : Date Code
RT7235GQW
RT7239
GSPYMDNN
RT7239GSP : Product Number
YMDNN : Date Code
RT7239GSP
RT7235GCP
YMDNN
RT7235GCP : Product Number
YMDNN : Date Code
RT7235GCP
SOP-8 (Exposed Pad)
WDFN-10L 3x3
EN
FB
PGOOD
SS
VIN
VIN
BOOT
SW
SW
VREG5
9
8
7
1
2
3
4
5
10
11
EN
FB
VREG5
SS
VIN
BOOT
PGND
SW
PGND
2
3
4
5
6
7
8
9
RT7240
GSPYMDNN
RT7240GSP : Product Number
YMDNN : Date Code
RT7240GSP
1M=YM
DNN
1M= : Product Code
YMDNN : Date Code
RT7236GQW
RT7236GCP
YMDNN
RT7236GCP : Product Number
YMDNN : Date Code
RT7236GCP
RT7235
Package Type
CP : TSSOP-14 (Exposed Pad)
QW : WDFN-10L 3x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
Continuous Switching Mode
RT7239
Package Type
SP : SOP-8 (Exposed Pad-Option 2)
Lead Plating System
G : Green (Halogen Free and Pb Free)
FB
VIN
PGND
GND
SS
VREG5
PGOOD
EN
PGND
SW
SW
BOOT
VS
VCC
4
2
3
5
7
6
11
13
12
10
8
9
14
PGND
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com