Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPKC845F Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SPKC845F
Description  SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 8 Amperes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SPKC845F Datasheet(HTML) 2 Page - Rectron Semiconductor

  SPKC845F Datasheet HTML 1Page - Rectron Semiconductor SPKC845F Datasheet HTML 2Page - Rectron Semiconductor SPKC845F Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD VOLTAGE, (V)
LEAD TEMPERATURE, (
OC)
0
0.01
0.001
0.1
1.0
10
0
5
10
15
8
20
25
20
40
60
80
100
120
140
200
150
175
100
50
0.1 0.2
0.3
0.5 0.6
0.8
0.9
0.1
1.0
10
50
0.7
0.4
1.0
RATING AND CHARACTERISTICS CURVES ( SPKC845F )
FIG.3 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2 TYPICAL REVERSE
CHARACTERISTICS
100
Single Phase Half Wave
60Hz Inductive or
Resistive Load
TJ = 25 OC
Pulse width=300mS
1% Duty Cycle
TA = 25 OC
TA = 75 OC
NUMBER OF CYCLES AT 60Hz
1
250
300
50
0
100
200
150
2
5
10
20
50
FIG.4 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3mS Single Half Sine-Wave
JEDEC Method
D.C with heat sink



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com