Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPKC1230F Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SPKC1230F
Description  SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 30 Volts CURRENT 12 Amperes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SPKC1230F Datasheet(HTML) 1 Page - Rectron Semiconductor

  SPKC1230F Datasheet HTML 1Page - Rectron Semiconductor SPKC1230F Datasheet HTML 2Page - Rectron Semiconductor SPKC1230F Datasheet HTML 3Page - Rectron Semiconductor SPKC1230F Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VOLTAGE 30 Volts CURRENT 12 Amperes
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
SPKC1230F
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
* Low switching noise
* Low forward voltage drop
* Low thermal resistance
* High current capability
* High surge capabitity
* High reliability
* Ideal for solar panel PV application such as By-Pass diode
* Case: Slim PAQ
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum DC Forward Current @TL=125
oC(Note 1)
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
SYMBOL
VRRM
VDC
IFSM
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
12
300
Amps
0 C
Storage Temperature Range
IO
Operating Temperature Range
TJ
175(Tj<200C in Bypass Mode)
-55 to + 175
0 C
SPKC1230F
30
21
30
SPKC1230F
NOTES : 1. Heat-sink mounted 10mm max from body
2. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
2010-05
REV: A
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
uA
Maximum Instantaneous Forward
Voltage at 12 A DC
Volts
100
2.5
@TA = 25
oC
@TA = 75
oC
.55
.47
@TA = 25
oC
@TA = 75
oC
mA
UNITS
SlimPAQ
.492 (12.5)
.452 (11.5)
.037 (0.95)
.043 (1.10)
.492 (12.5)
.452 (11.5)
.006 (0.15)
.010 (0.25)
.260 (6.60)
.280 (7.11)
.220 (5.59)
.245 (6.22)
.138 (3.5)
.098 (2.5)
1.25mm(Max.)
Typical Current Square Time
I2T
A2S
373.3
Typical Thermal Resistance
7.6
15.0
3.8
0 C/ W
R
θ JC
R
θ JA
R
θ JL
3. Available in Halogen-free epoxy by adding suffix -HF after the part nbr.
SCHOTTKY BARRIER SOLAR RECTIFIER


Similar Part No. - SPKC1230F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SPKC1240F RECTRON-SPKC1240F Datasheet
107Kb / 4P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 40 and 45 Volts CURRENT 12 Amperes
SPKC1245FL RECTRON-SPKC1245FL Datasheet
558Kb / 6P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 12 Amperes
SPKC1290 RECTRON-SPKC1290 Datasheet
103Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 90 Volts CURRENT 12.0 Amperes
More results

Similar Description - SPKC1230F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SPK1845 RECTRON-SPK1845 Datasheet
224Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 18 Amperes
SPKC1645 RECTRON-SPKC1645 Datasheet
311Kb / 4P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 16 Amperes
SPK1245 RECTRON-SPK1245 Datasheet
101Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 12 Amperes
SPK1245-C-S-A01 RECTRON-SPK1245-C-S-A01 Datasheet
522Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIE VOLTAGE 45 Volts CURRENT 12 Amperes
SPK1645 RECTRON-SPK1645 Datasheet
101Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 16 Amperes
SPKC845F RECTRON-SPKC845F Datasheet
103Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 8 Amperes
SPKC1240F RECTRON-SPKC1240F Datasheet
107Kb / 4P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 40 and 45 Volts CURRENT 12 Amperes
SPKC1245FL RECTRON-SPKC1245FL Datasheet
558Kb / 6P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 12 Amperes
SPKC1645 RECTRON-SPKC1645_10 Datasheet
102Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 16 Amperes
SPKT1845 RECTRON-SPKT1845_10 Datasheet
229Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 18 Amperes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com