Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7281 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT7281
Description  2A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7281 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT7281 Datasheet HTML 1Page - Richtek Technology Corporation RT7281 Datasheet HTML 2Page - Richtek Technology Corporation RT7281 Datasheet HTML 3Page - Richtek Technology Corporation RT7281 Datasheet HTML 4Page - Richtek Technology Corporation RT7281 Datasheet HTML 5Page - Richtek Technology Corporation RT7281 Datasheet HTML 6Page - Richtek Technology Corporation RT7281 Datasheet HTML 7Page - Richtek Technology Corporation RT7281 Datasheet HTML 8Page - Richtek Technology Corporation RT7281 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
RT7274/79/80/81
3
DS7274/79/80/81-01 February 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin No.
TSSOP-14
(Exposed Pad)
SOP-8
(Exposed Pad)
Pin Name
Pin Function
1
--
VOUT
Output Voltage Sense Input. This terminal is used for On-Time
Adjustment.
2
2
FB
Feedback Input Voltage. Connect with feedback resistive
divider to the output voltage.
3
3
PVCC
5.1V Power Supply Output. Connect a 1
μF capacitor from this
pin to GND.
4
4
SS
Soft-Start Control. Connect an external capacitor between this
pin and GND to set the soft- start time.
5
5,
9 (Exposed Pad)
GND
Analog Ground. The exposed pad must be soldered to a large
PCB and connected to GND for maximum power dissipation.
6
--
PGOOD
Open Drain Power Good Output.
7
1
EN
Enable Control Input.
8, 9, 15
(Exposed pad)
--
PGND
Power Ground. The exposed pad must be soldered to a large
PCB and connected to PGND for maximum power dissipation.
10, 11
6
SW
Switch Node.
12
7
BOOT
Bootstrap Supply for High Side Gate Driver. Connect a 0.1
μF
capacitor between the BOOT and SW pin.
13
8
VIN
Power Input. It is connected to the drain of the internal high
side MOSFET.
14
--
VINR
Supply Input for Internal Linear Regulator to the Control
Circuitry.
Functional Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com