Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7276 Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT7276
Description  3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7276 Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT7276 Datasheet HTML 16Page - Richtek Technology Corporation RT7276 Datasheet HTML 17Page - Richtek Technology Corporation RT7276 Datasheet HTML 18Page - Richtek Technology Corporation RT7276 Datasheet HTML 19Page - Richtek Technology Corporation RT7276 Datasheet HTML 20Page - Richtek Technology Corporation RT7276 Datasheet HTML 21Page - Richtek Technology Corporation RT7276 Datasheet HTML 22Page - Richtek Technology Corporation RT7276 Datasheet HTML 23Page - Richtek Technology Corporation RT7276 Datasheet HTML 24Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
RT7275/76
21
DS7275/76-00 January 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Thermal Considerations
The maximum power dissipation depends on the thermal
resistance of the IC package and the PCB layout, the rate
of surrounding airflow, and the difference between the
junction and ambient temperatures. The maximum power
dissipation can be calculated by the following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TA is
the ambient temperature, and
θJA is the junction to ambient
thermal resistance.
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance,
θJA, is layout dependent. For
the TSSOP-14 (Exposed Pad) package the thermal
resistance,
θJA, is 40°C/W on a standard JEDEC 51-7
four-layer thermal test board. For the WDFN-10L 3x3
package the thermal resistance,
θJA, is 60°C/W on a
standard JEDEC 51-7 four-layer thermal test board. These
standard thermal test layouts have a very large area with
long 2oz. copper traces connected to each IC pin and
very large, unbroken 1oz. internal power and ground planes.
Meeting the performance of the standard thermal test
board in a typical tiny board area requires wide copper
traces well-connected to the IC's backside pad leading to
exposed copper areas on the component side of the board
as well as good thermal vias from the backside pad
connecting to a wide inner-layer ground plane and, perhaps,
to an exposed copper area on the board's solder side.
Using the backside tab in this way, 40
°C/W is achievable
in a small area with either package.
The maximum power dissipation at TA = 25
°C can be
calculated by the following formulas:
PD(MAX) = (125
°C − 25°C) / (40°C/W) = 2.50W for
TSSOP-14 (Exposed Pad) package
PD(MAX) = (125
°C − 25°C) / (60°C/W) = 1.67W for
WDFN-10L 3x3 package
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curves in Figure 6 allow the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.
Figure 6. Derating Curve of Maximum Power Dissipation
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB
WDFN-10L3x3
TSSOP-14 (Exposed Pad)
Layout Considerations
Follow the PCB layout guidelines for optimal performance
of the RT7275/76.
Keep the traces of the main current paths as short and
wide as possible.
Put the input capacitor as close as possible to the device
pins (VIN and PGND).
The high-frequency switching node (SW) has large
voltage swings and fast edges and can easily radiate
noise to adjacent components. Keep its area small to
prevent excessive EMI, while providing wide copper
traces to minimize parasitic resistance and inductance.
Keep sensitive components away from the SW node or
provide ground traces between for shielding, to prevent
stray capacitive noise pickup.
Connect the feedback network to the output capacitors
rather than the inductor. Place the feedback components
near the FB pin.
The exposed pad, PGND, andGND should be connected
to large copper areas for heat sinking and noise
protection. Provide dedicated wide copper traces for the
power path ground between the IC and the input and
output capacitor grounds, rather than connecting each
of these individually to an internal ground plane.
Avoid using vias in the power path connections that have
switched currents (from CIN to PGND and CIN to VIN)
and the switching node (SW).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com