Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8015D Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8015D
Description  3A, 2MHz, Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8015D Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8015D Datasheet HTML 6Page - Richtek Technology Corporation RT8015D Datasheet HTML 7Page - Richtek Technology Corporation RT8015D Datasheet HTML 8Page - Richtek Technology Corporation RT8015D Datasheet HTML 9Page - Richtek Technology Corporation RT8015D Datasheet HTML 10Page - Richtek Technology Corporation RT8015D Datasheet HTML 11Page - Richtek Technology Corporation RT8015D Datasheet HTML 12Page - Richtek Technology Corporation RT8015D Datasheet HTML 13Page - Richtek Technology Corporation RT8015D Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
RT8015D
13
DS8015D-02 March 2011
www.richtek.com
Component Supplier
Series
Inductance (
μH) DCR (mΩ) Current Rating (mA) Dimensions (mm)
TAIYO YUDEN
NR 8040
2
9
7800
8x8x4
Table 1. Inductors
Component Supplier
Part No.
Capacitance (
μF)
Case Size
TDK
C3225X5R0J226M
22
1210
TDK
C2012X5R0J106M
10
0805
Panasonic
ECJ4YB0J226M
22
1210
Panasonic
ECJ4YB1A106M
10
1210
TAIYO YUDEN
LMK325BJ226ML
22
1210
TAIYO YUDEN
JMK316BJ226ML
22
1206
TAIYO YUDEN
JMK212BJ106ML
10
0805
Table 2. Capacitors for CIN and COUT
Recommended component selection for Typical Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com