Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8016 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8016
Description  1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8016 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8016 Datasheet HTML 6Page - Richtek Technology Corporation RT8016 Datasheet HTML 7Page - Richtek Technology Corporation RT8016 Datasheet HTML 8Page - Richtek Technology Corporation RT8016 Datasheet HTML 9Page - Richtek Technology Corporation RT8016 Datasheet HTML 10Page - Richtek Technology Corporation RT8016 Datasheet HTML 11Page - Richtek Technology Corporation RT8016 Datasheet HTML 12Page - Richtek Technology Corporation RT8016 Datasheet HTML 13Page - Richtek Technology Corporation RT8016 Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
RT8016
13
DS8016-04 February 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Connect all analog grounds to a common node and then
connect the common node to the power ground behind
the output capacitors.
An example of 2-layer PCB layout is shown in Figure 7
to Figure 8 for reference.
Figure 6. EVB Schematic
Figure 7. Top Layer
Figure 8. Bottom Layer
LX
GND
RT8016
EN
FB/VOUT
L1
C3
VIN
VOUT
C1
R1
R2
VIN
VIN
3
2
1, 5
4
6
C2
R3
Table 1. Recommended Inductors
Supplier
Inductance
(
μH)
Current Rating (mA)
DCR
(m
Ω)
Dimensions
(mm)
Series
TAIYO YUDEN
2.2
1480
60
3.00 x 3.00 x 1.50
NR 3015
GOTREND
2.2
1500
58
3.85 x 3.85 x 1.80
GTSD32
Sumida
2.2
1500
75
4.50 x 3.20 x 1.55
CDRH2D14
Sumida
4.7
1000
135
4.50 x 3.20 x 1.55
CDRH2D14
TAIYO YUDEN
4.7
1020
120
3.00 x 3.00 x 1.50
NR 3015
GOTREND
4.7
1100
146
3.85 x 3.85 x 1.80
GTSD32
Table 2. Recommended Capacitors for CIN and COUT
Supplier
Capacitance
(
μF)
Package
Part Number
TDK
4.7
603
C1608JB0J475M
MURATA
4.7
603
GRM188R60J475KE19
TAIYO YUDEN
4.7
603
JMK107BJ475RA
TAIYO YUDEN
10
603
JMK107BJ106MA
TDK
10
805
C2012JB0J106M
MURATA
10
805
GRM219R60J106ME19
MURATA
10
805
GRM219R60J106KE19
TAIYO YUDEN
10
805
JMK212BJ106RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com