Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL150 Datasheet(PDF) 1 Page - Analog Devices

Part # ADXL150
Description  -5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL150 Datasheet(HTML) 1 Page - Analog Devices

  ADXL150 Datasheet HTML 1Page - Analog Devices ADXL150 Datasheet HTML 2Page - Analog Devices ADXL150 Datasheet HTML 3Page - Analog Devices ADXL150 Datasheet HTML 4Page - Analog Devices ADXL150 Datasheet HTML 5Page - Analog Devices ADXL150 Datasheet HTML 6Page - Analog Devices ADXL150 Datasheet HTML 7Page - Analog Devices ADXL150 Datasheet HTML 8Page - Analog Devices ADXL150 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FUNCTIONAL BLOCK DIAGRAMS
SELF-TEST
+VS
2
25k
5k
ADXL150
GAIN
AMP
OFFSET
NULL
COM
0.1 F
BUFFER
AMP
DEMODULATOR
SENSOR
+VS
TP
(DO NOT CONNECT)
VOUT
9
CLOCK
SELF-TEST
5k
25k
ADXL250
GAIN
AMP
Y OFFSET
NULL
COM
0.1 F
BUFFER
AMP
DEMODULATOR
+VS
TP
(DO NOT CONNECT)
25k
5k
GAIN
AMP
BUFFER
AMP
DEMODULATOR
VOUTY
X OFFSET
NULL
SENSOR
+VS
2
CLOCK
SENSOR
VOUTX
a
5
g to
50
g, Low Noise, Low Power,
Single/Dual Axis iMEMS® Accelerometers
ADXL150/ADXL250
GENERAL DESCRIPTION
The ADXL150 and ADXL250 are third generation
±50 g sur-
face micromachined accelerometers. These improved replace-
ments for the ADXL50 offer lower noise, wider dynamic range,
reduced power consumption and improved zero g bias drift.
The ADXL150 is a single axis product; the ADXL250 is a fully
integrated dual axis accelerometer with signal conditioning on a
single monolithic IC, the first of its kind available on the com-
mercial market. The two sensitive axes of the ADXL250 are
orthogonal (90
°) to each other. Both devices have their sensitive
axes in the same plane as the silicon chip.
The ADXL150/ADXL250 offer lower noise and improved
signal-to-noise ratio over the ADXL50. Typical S/N is 80 dB,
allowing resolution of signals as low as 10 mg, yet still providing
a
±50 g full-scale range. Device scale factor can be increased
from 38 mV/g to 76 mV/g by connecting a jumper between
VOUT and the offset null pin. Zero g drift has been reduced to
0.4 g over the industrial temperature range, a 10
× improvement
over the ADXL50. Power consumption is a modest 1.8 mA
per axis. The scale factor and zero g output level are both
FEATURES
Complete Acceleration Measurement System
on a Single Monolithic IC
80 dB Dynamic Range
Pin Programmable
50
g or
25
g Full Scale
Low Noise: 1 m
g/
√Hz Typical
Low Power: <2 mA per Axis
Supply Voltages as Low as 4 V
2-Pole Filter On-Chip
Ratiometric Operation
Complete Mechanical & Electrical Self-Test
Dual & Single Axis Versions Available
Surface Mount Package
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
ratiometric to the power supply, eliminating the need for a volt-
age reference when driving ratiometric A/D converters such as
those found in most microprocessors. A power supply bypass
capacitor is the only external component needed for normal
operation.
The ADXL150/ADXL250 are available in a hermetic 14-lead
surface mount cerpac package specified over the 0
°C to +70°C
commercial and –40
°C to +85°C industrial temperature ranges.
Contact factory for availability of devices specified over automo-
tive and military temperature ranges.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106,
U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
iMEMS is a registered trademark of Analog Devices, Inc.


Similar Part No. - ADXL150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL150EM-1 AD-ADXL150EM-1 Datasheet
169Kb / 2P
ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
REV.C
ADXL150EM-3 AD-ADXL150EM-3 Datasheet
169Kb / 2P
ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
REV.C
More results

Similar Description - ADXL150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL202 AD-ADXL202 Datasheet
124Kb / 11P
Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV.B
ADXL78 AD-ADXL78 Datasheet
190Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
5/05-Rev. 0 to Rev. A
ADXL193 AD-ADXL193 Datasheet
180Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
5/05-Rev. 0 to Rev. A
AD22301 AD-AD22301 Datasheet
171Kb / 12P
Single-Axis, High-g, iMEMS ccelerometers
REV. B
ADXL78 AD-ADXL78_15 Datasheet
171Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
Rev. B
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
REV. B
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
Rev.0
ADXL278 AD-ADXL278_15 Datasheet
169Kb / 12P
Dual-Axis, High-g, iMEMS Accelerometers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com