Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL40L Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SSL40L
Description  LOW Vf SCHOTTKY BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SSL40L Datasheet(HTML) 2 Page - Rectron Semiconductor

  SSL40L Datasheet HTML 1Page - Rectron Semiconductor SSL40L Datasheet HTML 2Page - Rectron Semiconductor SSL40L Datasheet HTML 3Page - Rectron Semiconductor SSL40L Datasheet HTML 4Page - Rectron Semiconductor SSL40L Datasheet HTML 5Page - Rectron Semiconductor SSL40L Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INS TANTANE OUS F OR WAR D VOLTAG E , (V)
P E R C E NT R ATE D P E AK R E VE R S E VOLTAG E , (%)
AMB IE NT TE MP E R ATUR E , (
OC )
0
0.01
0.1
1
2
0
0.25
0.5
0.75
1.0
0.8
0.9
0.6
0.2
0.1
0.4
0.3
0.5
0.7
1.0
175
150
125
100
75
50
25
0
0
20
0.001
0.1
0.01
1.0
10
100
100
120
40
60
80
140
RATING AND CHARACTERISTICS CURVES ( SSL20L THRU SSL40L )
F IG .3 TY P IC AL R E VE R S E C HAR AC TE R IS TIC S
F IG .1 TY P IC AL F OR WAR D C UR R E NT
DE R ATING C UR VE
F IG .2 TY P IC AL INS TANTANE OUS
F OR WAR D C HAR AC TE R IS TIC S
NUMB E R OF C Y C LE S AT 60Hz
1
0
20
10
30
50
40
8
6
2
4
10
20
40
80 100
F IG .5 MAXIMUM NON-R E P E TITIVE F OR WAR D S UR G E C UR R E NT
S ingle
Half Wave 60HZ
R esistive or
Inductive Load
0.375" (9.5mm) Lead Length
T J = 25
O C
P uls e W idth = 300
µS
1% Duty C ycle
8.3mS S ingle Half S ine-W ave
J E DE C Method
R E VE R S E VOLTAG E , (V)
0.1
10
100
80
60
40
20
200
400
10
40
0.4
4
1.0
80
F IG .4 TY P IC AL J UNC TION C AP AC ITANC E
T J = 25
O C
TA = 125 OC
TA = 25 OC
TA = 75 OC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com