Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8055 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8055
Description  3A, 2MHz, Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8055 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8055 Datasheet HTML 1Page - Richtek Technology Corporation RT8055 Datasheet HTML 2Page - Richtek Technology Corporation RT8055 Datasheet HTML 3Page - Richtek Technology Corporation RT8055 Datasheet HTML 4Page - Richtek Technology Corporation RT8055 Datasheet HTML 5Page - Richtek Technology Corporation RT8055 Datasheet HTML 6Page - Richtek Technology Corporation RT8055 Datasheet HTML 7Page - Richtek Technology Corporation RT8055 Datasheet HTML 8Page - Richtek Technology Corporation RT8055 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT8055
2
DS8055-05
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Table 1. Recommended Component Selection
VOUT
R1 (k
Ω)
R2 (k
Ω)
RCOMP (kΩ)
CCOMP (nF)
L1 (
μH)
COUT (μF)
3.3
75
24
30
0.47
2.2
22 x 2
2.5
51
24
27
0.47
2.2
22 x 2
1.8
30
24
22
0.47
2.2
22 x 2
1.5
21
24
18
0.47
2.2
22 x 2
1.2
12
24
15
0.47
1.0
22 x 2
1.0
6
24
13
0.47
1.0
22 x 2
22µF
22µF x 2
PVDD
LX
SHDN/RT
RT8055
VDD
COMP
2µH
5V
VIN
VOUT
CIN
L1
COUT
GND
FB
PGND
R1
R2
75k
24k
3.3V/3A
RCOMP
30k
CCOMP
470pF
ROSC
180k
0.1µF
C1
Marking Information
JN= : Product Code
YMDNN : Date Code
RT8055GQW
RT8055GSP
RT8055GSP : Product Number
YMDNN : Date Code
JN : Product Code
YMDNN : Date Code
RT8055ZQW
JN YM
DNN
JN=YM
DNN
RT8055
GSPYMDNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com