Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL202 Datasheet(PDF) 4 Page - Analog Devices

Part # ADXL202
Description  Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL202 Datasheet(HTML) 4 Page - Analog Devices

  ADXL202 Datasheet HTML 1Page - Analog Devices ADXL202 Datasheet HTML 2Page - Analog Devices ADXL202 Datasheet HTML 3Page - Analog Devices ADXL202 Datasheet HTML 4Page - Analog Devices ADXL202 Datasheet HTML 5Page - Analog Devices ADXL202 Datasheet HTML 6Page - Analog Devices ADXL202 Datasheet HTML 7Page - Analog Devices ADXL202 Datasheet HTML 8Page - Analog Devices ADXL202 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ADXL202/ADXL210
REV. B
–4–
TEMPERATURE – C
1.06
0.94
–45
90
–30
–15
0
1530456075
1.04
1.02
1.00
0.98
0.96
Figure 2. Normalized DCM Period (T2) vs. Temperature
TEMPERATURE – C
0.8
–0.2
–0.8
–40
90
–30 –20 –10
0
1020
304050
6070
80
0.6
0
–0.4
–0.6
0.4
0.2
Figure 3. Typical Zero g Offset vs. Temperature
TEMPERATURE – C
0.7
0
–40
100
–20
0
2040
6080
0.6
0.4
0.3
0.2
0.1
0.5
VS = 5 VDC
VS = 3.5 VDC
Figure 4. Typical Supply Current vs. Temperature
(@ +25 C RSET = 125 k , VDD = +5 V, unless otherwise noted)
TYPICAL CHARACTERISTICS
TEMPERATURE – C
4%
3%
–4%
–40
85
25
0%
–1%
–2%
–3%
2%
1%
Figure 5. Typical X Axis Sensitivity Drift Due to
Temperature
0
0.4
0.8
1.2
1.4
FREQUENCY – ms
3
2
1
0
CFILT = 0.01 F
Figure 6. Typical Turn-On Time
g/DUTY CYCLE OUTPUT
20
6
0
–0.87g
–0.64g
–0.41g –0.17g
0.06g
0.29g
0.52g
0.75g
18
8
4
2
14
10
16
12
Figure 7. Typical Zero g Distribution at +25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com