Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8060 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8060
Description  1.5MHz, 1A High Efficiency Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8060 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8060 Datasheet HTML 1Page - Richtek Technology Corporation RT8060 Datasheet HTML 2Page - Richtek Technology Corporation RT8060 Datasheet HTML 3Page - Richtek Technology Corporation RT8060 Datasheet HTML 4Page - Richtek Technology Corporation RT8060 Datasheet HTML 5Page - Richtek Technology Corporation RT8060 Datasheet HTML 6Page - Richtek Technology Corporation RT8060 Datasheet HTML 7Page - Richtek Technology Corporation RT8060 Datasheet HTML 8Page - Richtek Technology Corporation RT8060 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT8060
2
DS8060-03 April 2011
www.richtek.com
Function Block Diagram
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
PGOOD
Power Good Indicator.
2
GND
Ground.
3
LX
Switch Node.
4
VIN
Supply Input.
5
FB
Feedback Input.
CCOMP
RC
RS1
RS2
VIN
LX
FB
UVLO &
Power Good
Detector
VREF
Slope
Compensation
Current
Sense
OSC &
Shutdown
Control
Current
Limit
Detector
Driver
Control
Logic
PWM
Comparator
Error
Amplifier
GND
PGOOD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com