Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8075 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8075
Description  Dual 1A, 1.25MHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8075 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8075 Datasheet HTML 1Page - Richtek Technology Corporation RT8075 Datasheet HTML 2Page - Richtek Technology Corporation RT8075 Datasheet HTML 3Page - Richtek Technology Corporation RT8075 Datasheet HTML 4Page - Richtek Technology Corporation RT8075 Datasheet HTML 5Page - Richtek Technology Corporation RT8075 Datasheet HTML 6Page - Richtek Technology Corporation RT8075 Datasheet HTML 7Page - Richtek Technology Corporation RT8075 Datasheet HTML 8Page - Richtek Technology Corporation RT8075 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RT8075
2
DS8075-04 April 2011
www.richtek.com
Function Block Diagram
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
EN1
Chip Enable of Channel 1 (Active High).
2
FB1
Feedback Input of Channel 1.
3
VIN2
Power Supply Input of Channel 2.
5
LX2
Switching Node of Channel 2.
6
EN2
Chip Enable of Channel 2 (Active High).
7
FB2
Feedback Input of Channel 2.
8
VIN1
Power Supply Input of Channel 1.
10
LX1
Switching Node of Channel 1.
4, 9, 11 (Exposed Pad) GND
Ground. The exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation.
Typical Application Circuit
COMP
RC
RS1
RS2
EN1/EN2
VIN1/VIN2
LX1/LX2
FB1/FB2
UVLO &
Power Good
Detector
VREF
Slope
Compensation
Current
Sense
OSC &
Shutdown
Control
Current
Limit
Detector
Driver
Control
Logic
GND
PWM
Comparator
Error
Amplifier
VIN1
8
RT8075
VIN1
LX1
10
FB1
2
GND
4, 9,
11 (Exposed Pad)
VOUT1
1
EN1
Chip Enable
LX2
5
FB2
7
VOUT2
VIN2
3
VIN2
6
EN2
4.7µF
CIN1
CIN2
4.7µF
L1
2.2µH
L2
2.2µH
CFF1
CFF2
R1
110k
R2
110k
COUT1
10µF
R3
110k
R4
110k
COUT2
10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com