Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMP01BTC/883C Datasheet(PDF) 21 Page - Analog Devices

Part # AMP01BTC/883C
Description  Low Noise, Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01BTC/883C Datasheet(HTML) 21 Page - Analog Devices

Back Button AMP01BTC/883C Datasheet HTML 14Page - Analog Devices AMP01BTC/883C Datasheet HTML 15Page - Analog Devices AMP01BTC/883C Datasheet HTML 16Page - Analog Devices AMP01BTC/883C Datasheet HTML 17Page - Analog Devices AMP01BTC/883C Datasheet HTML 18Page - Analog Devices AMP01BTC/883C Datasheet HTML 19Page - Analog Devices AMP01BTC/883C Datasheet HTML 20Page - Analog Devices AMP01BTC/883C Datasheet HTML 21Page - Analog Devices AMP01BTC/883C Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
AMP01
–21–
REV. D
0.047 F
VOUT
RS
10k
15
14
13
12
7
18
1
2
3
10
11
8
9
SENSE
REFERENCE
RS
AMP01
RS
V+
V–
RG
RG
RG
200
DG390
ANALOG
SWITCH
1
3
6
8
+IN
–IN
16
9
10
15
4
5
14
13
13
4
1, 2
16
3
0.01 F
R1
100
15k
1mA
7.5k
14
7.5k
TTL INPUT
"OFFSET"
0V
–15V
TTL INPUT
"ZERO"
+15V
VOLTAGE GAIN, G =
20
RS
RG
(
)
15
DAC-08
11
0.047 F
Figure 46. Instrumentation Amplifier with Autozero
+18V
–18V
10k
SENSE
AMP01
14
15
13
12
7
9
8
11
10
3
2
1
18
0.047 F
VOUT
10k
0.047 F
RS
RS
RG
RG
Figure 47. Burn-In Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com