Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMP02AZ/883C Datasheet(PDF) 9 Page - Analog Devices

Part # AMP02AZ/883C
Description  High Accuracy 8-Pin Instrumentation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP02AZ/883C Datasheet(HTML) 9 Page - Analog Devices

Back Button AMP02AZ/883C Datasheet HTML 4Page - Analog Devices AMP02AZ/883C Datasheet HTML 5Page - Analog Devices AMP02AZ/883C Datasheet HTML 6Page - Analog Devices AMP02AZ/883C Datasheet HTML 7Page - Analog Devices AMP02AZ/883C Datasheet HTML 8Page - Analog Devices AMP02AZ/883C Datasheet HTML 9Page - Analog Devices AMP02AZ/883C Datasheet HTML 10Page - Analog Devices AMP02AZ/883C Datasheet HTML 11Page - Analog Devices AMP02AZ/883C Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AMP02
–9–
REV. D
Figure 27. Triple Op Amp Topology of the AMP02
GROUNDING
The majority of instruments and data acquisition systems the
separate grounds for analog and digital signals. Analog ground
may also be divided into two or more grounds which will be tied
together at one point, usually the analog power-supply ground.
In addition, the digital and analog grounds may be joined, nor-
mally at the analog ground pin on the A to D converter. Follow
this basic practice is essential for good circuit performance.
Mixing grounds causes interactions between digital circuits and
the analog signals. Since the ground returns have finite resis-
tance and inductance, hundreds of millivolts can be develop be-
tween the system ground and the data acquisition components.
Using separate ground returns minimizes the current flow in the
sensitive analog return path to the system ground point. Conse-
quently, noisy ground currents from logic gates do interact with
the analog signals.
Inevitably, two or more circuits will be joined together with their
grounds at differential potentials. In these situations, the differ-
ential input of an instrumentation amplifier, with its high CMR,
can accurately transfer analog information from one circuit to
another.
SENSE AND REFERENCE TERMINALS
The sense terminal completes the feedback path for the instru-
mentation amplifier output stage and is internally connected
directly to the output. For SOL devices, connect the sense
terminal to the output. The output signal is specified with re-
spect to the reference terminal, which is normally connected to
analog ground. The reference may also be used for offset correc-
tion level shifting. A reference source resistance will reduce the
common-mode rejection by the ratio of 25 k
Ω/R
REF. If the refer-
ence source resistance is 1
Ω, then the CMR will be reduced
88 dB (25 k
Ω/1 Ω = 88 dB).
Figure 27 shows the triple op amp configuration of the AMP02.
With all instrumentation amplifiers of this type, it is critical not
to exceed the dynamic range of the input amplifiers. The ampli-
fied differential input signal and the input common-mode volt-
age must not force the amplifier’s output voltage beyond
±12 V
(VS =
±15 V) or nonlinear operation will result.
The input stage amplifier’s output voltages at V, and V2 equals:
V1 = –1+
2R
RG


V D
2
+V
CM
= –G
V D
2
+V
CM
V2 = 1+
2R
RG


V D
2
+V
CM
= G
V D
2
+V
CM
where
VD
= Differential input voltage
= (+IN) – (–IN)
VCM = Common-mode input voltage
G
= Gain of instrumentation amplifier
If V1 and V2 can equal
±12 V maximum, then the
common-mode input voltage range is:
CMVR =
± 12V –
GV D
2





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com