Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMP01EX Datasheet(PDF) 1 Page - Analog Devices

Part # AMP01EX
Description  Low Noise, Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01EX Datasheet(HTML) 1 Page - Analog Devices

  AMP01EX Datasheet HTML 1Page - Analog Devices AMP01EX Datasheet HTML 2Page - Analog Devices AMP01EX Datasheet HTML 3Page - Analog Devices AMP01EX Datasheet HTML 4Page - Analog Devices AMP01EX Datasheet HTML 5Page - Analog Devices AMP01EX Datasheet HTML 6Page - Analog Devices AMP01EX Datasheet HTML 7Page - Analog Devices AMP01EX Datasheet HTML 8Page - Analog Devices AMP01EX Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AMP01*
Low Noise, Precision
Instrumentation Amplifier
GENERAL DESCRIPTION
The AMP01 is a monolithic instrumentation amplifier designed
for high-precision data acquisition and instrumentation applica-
tions. The design combines the conventional features of an
instrumentation amplifier with a high current output stage. The
output remains stable with high capacitance loads (1
µF), a
unique ability for an instrumentation amplifier. Consequently,
the AMP01 can amplify low level signals for transmission
through long cables without requiring an output buffer. The output
stage may be configured as a voltage or current generator.
Input offset voltage is very low (20
µV), which generally elimi-
nates the external null potentiometer. Temperature changes
have minimal effect on offset; TCVIOS is typically 0.15
µV/°C.
Excellent low-frequency noise performance is achieved with a
minimal compromise on input protection. Bias current is very
low, less than 10 nA over the military temperature range. High
common-mode rejection of 130 dB, 16-bit linearity at a gain of
1000, and 50 mA peak output current are achievable simulta-
neously. This combination takes the instrumentation amplifier
one step further towards the ideal amplifier.
AC performance complements the superb dc specifications. The
AMP01 slews at 4.5 V/
µs into capacitive loads of up to 15 nF,
settles in 50
µs to 0.01% at a gain of 1000, and boasts a healthy
26 MHz gain-bandwidth product. These features make the
AMP01 ideal for high speed data acquisition systems.
Gain is set by the ratio of two external resistors over a range of
0.1 to 10,000. A very low gain temperature coefficient of
10 ppm/
°C is achievable over the whole gain range. Output
voltage swing is guaranteed with three load resistances; 50
Ω,
500
Ω, and 2 kΩ. Loaded with 500 Ω, the output delivers
±13.0 V minimum. A thermal shutdown circuit prevents de-
struction of the output transistors during overload conditions.
The AMP01 can also be configured as a high performance op-
erational amplifier. In many applications, the AMP01 can be
used in place of op amp/power-buffer combinations.
PIN CONFIGURATIONS
18-Lead Cerdip
TOP VIEW
(Not to Scale)
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
AMP01
OUTPUT
REFERENCE
RG
RG
–IN
VOOS NULL
SENSE
TEST PIN*
VOOS NULL
–VOP
V–
+IN
VIOS NULL
VIOS NULL
RS
V+
+VOP
RS
*MAKE NO ELECTRICAL CONNECTION
AMP01 BTC/883
28-Terminal LCC
NC = NO CONNECT
TOP VIEW
(Not to Scale)
28 27
1
2
3
426
25
21
22
23
24
19
20
5
6
7
8
9
10
11
12 13 14 15 16 17 18
AMP01
NC
VOOS NULL
NC
VOOS NULL
NC
TEST PIN*
NC
VIOS NULL
NC
RS
RS
+VOP
NC
V+
*MAKE NO ELECTRICAL CONNECTION
20-Lead SOIC
TOP VIEW
(Not to Scale)
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
AMP01
–VOP
OUTPUT
REFERENCE
TEST PIN*
–IN
VOOS NULL
SENSE
TEST PIN*
VOOS NULL
V–
V+
+VOP
TEST PIN*
+IN
VIOS NULL
RS
RS
RG
RG
VIOS NULL
*MAKE NO ELECTRICAL CONNECTION
FEATURES
Low Offset Voltage: 50
V Max
Very Low Offset Voltage Drift: 0.3
V/ C Max
Low Noise: 0.12
V p-p (0.1 Hz to 10 Hz)
Excellent Output Drive:
10 V at
50 mA
Capacitive Load Stability: to 1
F
Gain Range: 0.1 to 10,000
Excellent Linearity: 16-Bit at G = 1000
High CMR: 125 dB min (G = 1000)
Low Bias Current: 4 nA Max
May Be Configured as a Precision Op Amp
Output-Stage Thermal Shutdown
Available in Die Form
*Protected under U.S. Patent Numbers 4,471,321 and 4,503,381.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999


Similar Part No. - AMP01EX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP01EX AD-AMP01EX Datasheet
545Kb / 30P
Low Noise, Precision Instrumentation Amplifier
Rev. E
More results

Similar Description - AMP01EX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV.C
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
Precision, Low Power INSTRUMENTATION AMPLIFIER
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
INA103 BURR-BROWN-INA103_07 Datasheet
282Kb / 14P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA118U2K5 TI1-INA118U2K5 Datasheet
392Kb / 16P
Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
API Technologies Corp
MN2310 APITECH-MN2310 Datasheet
1Mb / 7P
Precision, Low-Noise JFET Instrumentation Amplifiers
logo
Analog Devices
AMP01 AD-AMP01_15 Datasheet
247Kb / 22P
Low Noise, Precision Instrumentation Amplifier
REV. D
AMP01 AD-AMP01_17 Datasheet
545Kb / 30P
Low Noise, Precision Instrumentation Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com