Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMP04FS Datasheet(PDF) 11 Page - Analog Devices

Part # AMP04FS
Description  Precision Single Supply Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP04FS Datasheet(HTML) 11 Page - Analog Devices

Back Button AMP04FS Datasheet HTML 7Page - Analog Devices AMP04FS Datasheet HTML 8Page - Analog Devices AMP04FS Datasheet HTML 9Page - Analog Devices AMP04FS Datasheet HTML 10Page - Analog Devices AMP04FS Datasheet HTML 11Page - Analog Devices AMP04FS Datasheet HTML 12Page - Analog Devices AMP04FS Datasheet HTML 13Page - Analog Devices AMP04FS Datasheet HTML 14Page - Analog Devices AMP04FS Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AMP04
REV. A
–11–
not interact with one another. Calibration is simple and easy
with the NULL adjusted first, followed by SPAN adjust. The
entire circuit can be remotely placed, and powered from the
4-20 mA 2-wire loop.
4-20 mA Loop Receiver
At the receiving end of a 4-20 mA loop, the AMP04 makes a
convenient differential receiver to convert the current back to a
usable voltage (Figure 13). The 4-20 mA signal current passes
through a 100
Ω sense resistor. The voltage drop is differentially
amplified by the AMP04. The 4 mA offset is removed by the
offset correction circuit.
7
1
6
5
4
2
3
8
AMP-04
6
100k
0.15
µF
4–20mA
TRANS-
MITTER
POWER
SUPPLY
+–
2
3
+–
100
Ω 1%
1k
1k
WIRE RE-
SISTANCE
IN4002
–0.400V
OP-177
AD589
10k
27k
–15V
+15V
V
OUT
0–1.6V FS
–15V
4–20mA
4–20mA
+
–
Figure 13. 4-to-20 mA Line Receiver
Low Power, Pulsed Load-Cell Amplifier
Figure 14 shows a 350
Ω load cell that is pulsed with a low duty
cycle to conserve power. The OP295’s rail-to-rail output capa-
bility allows a maximum voltage of 10 volts to be applied to the
bridge. The bridge voltage is selectively pulsed on when a mea-
surement is made. A negative-going pulse lasting 200 ms should
be applied to the MEASURE input. The long pulse width is
necessary to allow ample settling time for the long time constant
of the low-pass filter around the AMP04. A much faster settling
time can be achieved by omitting the filter capacitor.
7
1
6
5
4
2
3
8
AMP-04
0.22
µF
+12V
1/2
OP-295
REF-01
GND
OUT
IN
+12V
330
Ω
1k
10k
10V
50k
2N3904
V
OUT
1N4148
350
Ω
MEASURE
Figure 14. Pulsed Load Cell Bridge Amplifier
Single Supply Programmable Gain Instrumentation Amplifier
Combining with the single supply ADG221 quad analog switch,
the AMP04 makes a useful programmable gain amplifier that
can handle input and output signals at zero volts. Figure 15
shows the implementation. A logic low input to any of the gain
control ports will cause the gain to change by shorting a gain-
set resistor across AMP04’s Pins 1 and 8. Trimming is required
at higher gains to improve accuracy because the switch ON-
resistance becomes a more significant part of the gain-set
resistance. The gain of 500 setting has two switches connected
in parallel to reduce the switch resistance.
1
2
3
4
8
7
6
5
AMP-04
V–
REF
V+
–
+
INPUT
V
OUT
+5V
TO +30V
R
G
R
G
0.1
µF
0.22
µF
100k
10.9k
3
14
715
Ω
200
Ω
200
Ω
6
11
4
5
ADG221
+5V TO +30V
13
10
9
7
8
15
16
2
1
12
+
10
µF
0.1
µF
GAIN OF 500
WR
GAIN OF 100
GAIN OF 10
Figure 15. Single Supply Programmable Gain Instrumen-
tation Amplifier
The switch ON resistance is lower if the supply voltage is
12 volts or higher. Additionally the overall amplifier’s tempera-
ture coefficient also improves with higher supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com