Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF04GS Datasheet(PDF) 10 Page - Analog Devices

Part # BUF04GS
Description  Closed-Loop High Speed Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

BUF04GS Datasheet(HTML) 10 Page - Analog Devices

Back Button BUF04GS Datasheet HTML 6Page - Analog Devices BUF04GS Datasheet HTML 7Page - Analog Devices BUF04GS Datasheet HTML 8Page - Analog Devices BUF04GS Datasheet HTML 9Page - Analog Devices BUF04GS Datasheet HTML 10Page - Analog Devices BUF04GS Datasheet HTML 11Page - Analog Devices BUF04GS Datasheet HTML 12Page - Analog Devices BUF04GS Datasheet HTML 13Page - Analog Devices BUF04GS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
BUF04
REV. 0
–10–
A two-terminal equivalent circuit of the BUF04 is shown in
Figure 30 where the transistor-level equivalent circuit is reduced
to its essential elements. The input stage develops a signal
current, IIN, that is replicated by an internal current conveyor so
as to flow through Rt, the transimpedance of the BUF04. The
voltage developed across Rt is buffered by a unity-gain output
voltage follower. With an open-loop Rt of 400 kΩ and an RIN of
30
Ω, the voltage gain of the BUF04, given by the ratio R
t/RIN is
approximately 13,000—accurate to approximately 13.5 bits.
The BUF04’s open-loop ac transimpedance response is
determined by the open-loop pole formed by Rt and Ct. Since
Ct is typically 8 pF, the open-loop pole occurs at approximately
50 kHz.
X1
IIN
Rt
RIN
IIN
VOUT
Ct
VIN
XI
RFB
RIN = 30
Rt = 400 k
Ct = 8pF
RFB = 100
Ω
Ω
Ω
Figure 30. Current-Feedback Functional Equivalent
Circuit of the BUF04
Grounding and Bypassing Considerations
To take full advantage of the BUF04’s very wide bandwidth,
high slew rates, and dynamic range capabilities requires due
diligence with regard to supply bypassing. In high speed circuits,
the supply bypassing network must provide a very low impedance
return path for currents flowing to and from the load network.
As with any high speed application, multiple bypassing is always
recommended. A 10
µF tantalum electrolytic in parallel with a
0.1
µF ceramic capacitor is sufficient for most applications. For
those high speed applications where output load currents
approach 50 mA, small valued resistors (1.1
Ω to 4.7 Ω) in
series with the tantalum capacitors may improve circuit
transient response by damping out the capacitor’s self-
inductance. Figure 31 illustrates bypassing recommendations.
BUF04
7
6
10µF R1
0.1µF
V+
0.1µF
V–
10µF
R2
4
3
RS
RL
KELVIN RETURN
FOR LOAD CURRENT
KELVIN RETURN
FOR LOAD CURRENT
VIN
VOUT
NOTE
USE SHORT LEAD LENGTHS (<5mm)
Figure 31. Recommended Power-Supply Bypassing
To minimize the effects of high-frequency coupling, circuits
must be built with short interconnect leads, and large ground
planes should he used whenever possible to provide a low
resistance, low-inductance circuit path. Sockets should be
avoided because the increased interlead capacitance can degrade
bandwidth and stability. If sockets are necessary, individual pin
sockets (oftentimes called “cage jacks,” AMP Part No.
5-330808-3 or 5-330808-6) should be used. They contribute far
less stray reactance than molded socket assemblies.
Offset Voltage Nulling
Although the offset voltage of the BUF04 is very low (1 mV,
maximum) for such a high speed buffer, the circuit shown in
Figure 32 can be used if additional offset voltage nulling is
required. A potentiometer ranging from 1 k to 10 k can be used
for VOS nulling; with a 10 k
Ω potentiometer, the trim range is
±30 mV.
V+
BUF04
7
6
10µF
0.1µF
0.1µF
V–
10µF
4
3
VIN
10k
1
VOUT
TRIM RANGE
±30mV
8
Figure 32. Optional Offset Voltage Nulling Scheme
APPLICATIONS
Output Short-Circuit Protection
To optimize the transient response and output voltage swing of
the BUF04, internal output short-circuit current limiting was
omitted. Although the BUF04 can provide continuous output
currents of 50 mA without protection, direct connection of the
BUF04’s output to ground or to the supplies will destroy the
device. An active current limit technique, illustrated in Figure
33, provides the necessary short-circuit protection while
retaining full dc output voltage swing to the load.
BUF04
7
6
10µF
0.1µF
0.1µF
–15V
10µF
4
3
VIN
VOUT
+15V
RSC2
≥10Ω
2N2219
2N2219
2N2905
2N2905
RSC1
≥10Ω
0.01µF
SET ISC +(ISC–) <60mA,
CONTINUOUS
RSC1 (RSC2) =
0.6V
ISC + (ISC–)
6.2k
Ω
Figure 33. Short-Circuit Current Limiting Using
Current Sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com