Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF04GBC Datasheet(PDF) 13 Page - Analog Devices

Part # BUF04GBC
Description  Closed-Loop High Speed Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

BUF04GBC Datasheet(HTML) 13 Page - Analog Devices

Back Button BUF04GBC Datasheet HTML 8Page - Analog Devices BUF04GBC Datasheet HTML 9Page - Analog Devices BUF04GBC Datasheet HTML 10Page - Analog Devices BUF04GBC Datasheet HTML 11Page - Analog Devices BUF04GBC Datasheet HTML 12Page - Analog Devices BUF04GBC Datasheet HTML 13Page - Analog Devices BUF04GBC Datasheet HTML 14Page - Analog Devices BUF04GBC Datasheet HTML 15Page - Analog Devices BUF04GBC Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
BUF04
REV. 0
–13–
* BUF04 SPICE Macro-model
7/93, Rev. A
*
JCB / PMI
*
* Copyright 1993 by Analog Devices, Inc.
*
*
* Node assignments
*
noninverting input
*
positive supply
*
negative supply
*
output
*
*
.SUBCKT BUF04
1
99
50
6
*
* INPUT STAGE
*
R1
99
8
200
R2
10
50
200
V1
99
9
4.4
D1
98DX
V2
11
50
4.4
D2
10
11
DX
I1
99
5
1.8E-3
I2
4
50
1.8E-3
Q1
50
3
5
QP
Q2
99
3
4
QN
Q3
8
61
30
QN
Q4
10
7
30
QP
R3
5
61
50E3
R4
4
7
50E3
CP1
61
99
14E-15
CP2
7
50
14E-15
RFB
6
2
100
*
* INPUT ERROR SOURCES
*
IB1
99
1
0.7E-6
VOS
3
1
0.7E-6
LS1
30
2
1E-9
CS1
99
2
2.0E-12
CS2
99
1
3.0E-12
*
EREF
97
0
22 0 1
*
* TRANSCONDUCTANCE STAGE
*
R5
12
97
365E3
C3
12
97
8E-12
G1
97
12
99 8 SE-3
G2
12
97
10 50 SE-3
E3
13
97
POLY(1)
99
97 –2.5
1.1
E4
97
14
POLY(1)
97
50 –2.5
1.1
D3
12
13
DX
D4
14
12
DX
R6
12
15
200
C2
15
6
20E-12
*
* POLE AT 200 MHz
*
R11
20
97
1E6
C7
20
97
0.759E-15
G7
97
20
12 22 1E-6
*
* POLE AT 200 MHz
*
R12
21
97
1E6
C8
21
97
0.759E-15
G8
97
21
20 22 1E-6
*
* OUTPU T STAGE
*
FSY
99
50
POLY(2) V7 V8 1.85E-3 1 1
R13
22
99
16.67E3
R14
22
50
16.67E3
R15
27
99
80
R16
27
50
80
L2
27
6
10E-9
G11
27
99
99 21 12.5E-3
G12
50
27
21 50 12.5E-3
V5
23
27
3.3
V6
27
24
3.3
D5
21
23
DX
D6
24
21
DX
G10
97
70
27 21 12.5E-3
D7
70
71
DX
D8
72
70
DX
V7
71
97
DC 0
V8
97
72
DC 0
*
* MODELS USED
*
.MODEL QN NPN(BF= 1000 IS= 1E-15)
.MODEL QP PNP(BF= 1000 IS= 1E-15)
.MODEL DX D(IS= 1E-15)
.ENDS BUF04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com