Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC08Q Datasheet(PDF) 9 Page - Analog Devices

Part # DAC08Q
Description  8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC08Q Datasheet(HTML) 9 Page - Analog Devices

Back Button DAC08Q Datasheet HTML 4Page - Analog Devices DAC08Q Datasheet HTML 5Page - Analog Devices DAC08Q Datasheet HTML 6Page - Analog Devices DAC08Q Datasheet HTML 7Page - Analog Devices DAC08Q Datasheet HTML 8Page - Analog Devices DAC08Q Datasheet HTML 9Page - Analog Devices DAC08Q Datasheet HTML 10Page - Analog Devices DAC08Q Datasheet HTML 11Page - Analog Devices DAC08Q Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DAC08
–9–
REV. A
APPLICATIONS INFORMATION
REFERENCE AMPLIFIER SET-UP
The DAC08 is a multiplying D/A converter in which the output
current is the product of a digital number and the input refer-
ence current. The reference current may be fixed or may vary
from nearly zero to +4.0 mA. The full-scale output current is a
linear function of the reference current and is given by:
IFR =
255
256
× I
REF, where IREF = I14.
In positive reference applications, an external positive reference
voltage forces current through R14 into the VREF(+) terminal
(pin 14) of the reference amplifier. Alternatively, a negative ref-
erence may be applied to VREF(–) at pin 15; reference current
flows from ground through R14 into VREF(+) as in the positive
reference case. This negative reference connection has the ad-
vantage of a very high impedance presented at pin 15. The volt-
age at pin 14 is equal to and tracks the voltage at pin 15 due to
the high gain of the internal reference amplifier. R15 (nominally
equal to R14) is used to cancel bias current errors; R15 may be
eliminated with only a minor increase in error.
Bipolar references may be accommodated by offsetting VREF or
pin 15. The negative common-mode range of the reference am-
plifier is given by: VCM– = V– plus (IREF × 1 kΩ) plus 2.5 V. The
positive common-mode range is V+ less 1.5 V.
When a dc reference is used, a reference bypass capacitor is rec-
ommended. A 5.0 V TTL logic supply is not recommended as a
reference. If a regulated power supply is used as a reference, R14
should be split into two resistors with the junction bypassed to
ground with a 0.1
µF capacitor.
For most applications the tight relationship between IREF and
IFS will eliminate the need for trimming IREF. If required,
full-scale trimming may be accomplished by adjusting the value
of R14, or by using a potentiometer for R14. An improved
method of full-scale trimming which eliminates potentiometer
T.C. effects is shown in the recommended full-scale adjustment
circuit.
Using lower values of reference current reduces negative power
supply current and increases reference amplifier negative common-
mode range. The recommended range for operation with a dc
reference current is +0.2 mA to +4.0 mA.
Figure 27. Negative Low Impedance
Output Operation
Figure 26. Positive Low Impedance
Output Operation
Figure 28. Interfacing With Various Logic Families



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com