Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP402GRU Datasheet(PDF) 4 Page - Analog Devices

Part # CMP402GRU
Description  23 ns and 65 ns Low Voltage Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CMP402GRU Datasheet(HTML) 4 Page - Analog Devices

  CMP402GRU Datasheet HTML 1Page - Analog Devices CMP402GRU Datasheet HTML 2Page - Analog Devices CMP402GRU Datasheet HTML 3Page - Analog Devices CMP402GRU Datasheet HTML 4Page - Analog Devices CMP402GRU Datasheet HTML 5Page - Analog Devices CMP402GRU Datasheet HTML 6Page - Analog Devices CMP402GRU Datasheet HTML 7Page - Analog Devices CMP402GRU Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CMP401/ CMP402
REV. 0
–4–
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the CMP401/CMP402 features proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Total Analog Supply Voltage . . . . . . . . . . . . . . . . . . . . . +16 V
Digital Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . +7 V
Analog Positive Supply—Digital Positive Supply . . . . –200 mV
Input Voltage
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±7 V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . .
±9 V
Output Short-Circuit Duration to GND . . . . . . . . . Indefinite
Storage Temperature Range
P, S, RU Package . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
CMP401G, CMP402G . . . . . . . . . . . . . . –40
°C to +125°C
Junction Temperature Range
P, S, RU Package . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . +300
°C
Package Type
JA
3
JC
Units
16-Pin Plastic DIP (P)
90
47
°C/W
16-Pin SO (S)
113
37
°C/W
16-Lead TSSOP (RU)
180
37
°C/W
NOTES
1Absolute maximum ratings apply to both DICE and packaged parts, unless
otherwise noted.
2The analog input voltage is equal to
± 7 volts or the analog supply voltage,
whichever is less.
3
θ
JA is specified for the worst case conditions, i.e.,
θ
JA is specified for device in socket
for P-DIP, and
θ
JA is specified for device soldered in circuit board for SOIC and
TSSOP packages.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
CMP401GP
–40
°C to +125°C 16-Pin Plastic DIP N-16
CMP401GS
–40
°C to +125°C 16-Pin SOIC
R-16A
CMP401GRU
–40
°C to +125°C 16-Lead TSSOP
RU-16
CMP402GP
–40
°C to +125°C 16-Pin Plastic DIP N-16
CMP402GS
–40
°C to +125°C 16-Pin SOIC
R-16A
CMP402GRU
–40
°C to +125°C 16-Lead TSSOP
RU-16
DICE CHARACTERISTICS
2
1
16 15
89
3
4
5
6
7
14
13
12
11
10
CMP401/CMP402 Die Size 0.065
× 0.069 inch, 4,485 sq. mils
Substrate (Die Backside) Is Connected to V+
Transistor Count 104.
+IN
–IN
V+ ANA
V– ANA
V+ DIG
OUT
DIG GND
Figure 1. Simplified Schematic
CMP401/CMP402 PIN CONFIGURATIONS
16-Lead Epoxy DIP
(P Suffix)
16-Lead Narrow-SO
(S Suffix)
16-Lead
TSSOP
(RU Suffix)
OUT B
OUT A
V+ DIG
V+ ANA
–IN A
+IN A
–IN B
+IN B
V– ANA
DIG GND
OUT D
OUT C
–IN C
+IN D
–IN D
+IN C
116
8
9
TOP VIEW
(Not to Scale)
CMP401/
402
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
OUT B
OUT A
V+ DIG
V+ ANA
–IN A
+IN A
–IN B
+IN B
V– ANA
DIG GND
OUT D
OUT C
–IN C
+IN D
–IN D
+IN C
TOP VIEW
(Not to Scale)
CMP401/
402
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
OUT B
OUT A
V+ DIG
V+ ANA
–IN A
+IN A
–IN B
+IN B
V– ANA
DIG GND
OUT D
OUT C
–IN C
+IN D
–IN D
+IN C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com