Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8335 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM8335
Description  LM8335 General Purpose Output Expander with MIPI짰 RFFE Host Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM8335 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM8335 Datasheet HTML 3Page - Texas Instruments LM8335 Datasheet HTML 4Page - Texas Instruments LM8335 Datasheet HTML 5Page - Texas Instruments LM8335 Datasheet HTML 6Page - Texas Instruments LM8335 Datasheet HTML 7Page - Texas Instruments LM8335 Datasheet HTML 8Page - Texas Instruments LM8335 Datasheet HTML 9Page - Texas Instruments LM8335 Datasheet HTML 10Page - Texas Instruments LM8335 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
VTP Max
SCLK
D1
D0
P
SDATA
GPO_x
VOH Min
VOL Max
tD
LM8335
www.ti.com
SNVS840 – JUNE 2012
DC Electrical Characteristics: GPO (GPO_x, VDD, VDDIO)
(1)(2) (continued)
TA: −30°C to +85°C, VIO = 1.8V ± 0.15V, VDD = 1.8V ± 0.15V; VDDIO = 3.3V ± 0.3V (unless otherwise specified).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IVDD
VDD supply current
TA = 25°C, VDD = 1.8V
225
400
µA
TA = 25°C
IVDDIO
VDDIO supply current
200
450
VDDIO = 3.3V
DC Electrical Characteristics: RFFE (SCLK, SDATA, VIO)
(1) (2)
TA: −30°C to +85°C, VIO = 1.8V ± 0.15V, VDD = 1.8V ± 0.15V; VDDIO = 3.3V ± 0.3V (unless otherwise specified).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Input pin capacitance
CIN
2.5
pF
(SCLK, SDATA)(2)
Positive edge threshold voltage
VTP
0.4 * VIO
0.7 * VIO
(SCLK, SDATA)
Negative edge threshold voltage
VTN
0.3 * VIO
0.6 * VIO
(SCLK, SDATA)
V
Input hysteresis voltage
VHYST
0.1 * VIO
0.4 * VIO
(SDATA)
RFFE I/O voltage reset voltage
VIORST
VIO toggled low
0.2
level
IINVIO
Input current (VIO)
0 < VIO < 0.2V
−1
1
Input current
VIO = Max,
IIN
−1
1
(SCLK, SDATA)
0.2 * VIO < VIN < 0.8 * VIO
µA
VIO = 1.8,
IVIO
VIO supply input current
100
RFFE write only mode
(1)
All voltages are with respect to the GND pin.
(2)
Min and Max Limits are specified by design, test, or statistical analysis. Typical (Typ.) numbers are not specified, but do represent the
most likely norm. Unless otherwise specified conditions for typical specifications are: VDD = 1.8V, VDDIO = 3.3V, VIO = 1.8V, TA = +25°C.
AC Electrical Characteristics: Internal POR, VIO, GPO_x, SCLK
(1) (2)
TA: −30°C to +85°C, VIO = 1.8V ± 0.15V, VDD = 1.8V ± 0.15V; VDDIO = 3.3V ± 0.3V (unless otherwise specified).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPORC1
VDD POR reset complete
VDD ramp rate = 100 µS
1
mS
tPORC2
VDDIO POR reset complete
VDDIO ramp rate = 100 µS
1
tREADY
VIO input signal reset delay time
VIO = 1.65V, SCLK, SDATA = Low,
120
nS
tPORC1, tPORC2 = complete
fSCLK
SCLK frequency
0.032
26
MHz
tD
GPO_x output delay time
VDDIO = 1.8V ± 0.15V,
25
nS
CLOAD = 10 pf
(1)
All voltages are with respect to the GND pin.
(2)
Min and Max Limits are specified by design, test, or statistical analysis. Typical (Typ.) numbers are not specified, but do represent the
most likely norm. Unless otherwise specified conditions for typical specifications are: VDD = 1.8V, VDDIO = 3.3V, VIO = 1.8V, TA = +25°C.
Figure 3. GPO Delay Timing
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM8335



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com