Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8335TLE/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM8335TLE/NOPB
Description  LM8335 General Purpose Output Expander with MIPI짰 RFFE Host Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM8335TLE/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM8335TLE/NOPB Datasheet HTML 1Page - Texas Instruments LM8335TLE/NOPB Datasheet HTML 2Page - Texas Instruments LM8335TLE/NOPB Datasheet HTML 3Page - Texas Instruments LM8335TLE/NOPB Datasheet HTML 4Page - Texas Instruments LM8335TLE/NOPB Datasheet HTML 5Page - Texas Instruments LM8335TLE/NOPB Datasheet HTML 6Page - Texas Instruments LM8335TLE/NOPB Datasheet HTML 7Page - Texas Instruments LM8335TLE/NOPB Datasheet HTML 8Page - Texas Instruments LM8335TLE/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM8335
www.ti.com
SNVS840 – JUNE 2012
LM8335 General Purpose Output Expander with MIPI® RFFE Host Interface
Check for Samples: LM8335
1
FEATURES
2
•
MIPI RFFE Interface Version 1.10 Compliant
KEY SPECIFICATIONS
•
Supports Output Expansion
•
1.8 ± 0.15V MIPI RFFE Operation (VIO)
•
Host Interface Address Select Pin:
•
1.8 ± 0.15V Core Supply (VDD)
–
ADR=GND, USID[3:0]=0001
•
1.65 to 3.6V GPO Supply (VDDIO)
–
ADR=VDD, USID[3:0]=1001
•
Low Standby and Active Current
•
Pin-Configurable Initial State: VIO
•
On-Chip Power-On Reset (POR)
–
CFG=GND, GPO High-z, with Weak Internal
•
−30 to +85°C Ambient Temperature Range
Pull-Down Resistor Enabled;
•
16-Bump DSBGA Package
GPO_OUT_DATA is Unmasked
–
1.965 mm x 1.965 mm x 0.6 mm, 0.5 mm
–
CFG=VDD, GPO High-z, with Weak Internal
Pitch (Nominal)
Pull-Down Resistor Enabled;
GPO_OUT_DATA is Masked
DESCRIPTION
•
Three Sources for Chip Reset:
The LM8335 General Purpose Output Expander is a
dedicated device to provide flexible and general
–
VIO Input Pin
purpose,
host
programmable
output
expansion
–
POR
functions. This device communicates with a host
–
Software-Commanded Reset
processor through a MIPI® RFFE Interface (Mobile
Industry Processor Interface RF Front-End).
APPLICATIONS:
Eight
general
purpose
outputs
(GPO)
can
be
•
Smart Handheld Devices
configured
by
the
host
controller
as
drive
high/low/high-z. Weak pull-ups (PU) or weak pull-
•
RF Transceiver Applications
downs (PD) can be enabled.
Upon power-on, the LM8335 default configuration is
for all GPO to be set based on the state of the CFG
pin.
After startup, any changes to the default configuration
must be sent from the host via the MIPI RFFE host
interface..
The LM8335 is available in a 16-bump lead-free
DSBGA package of size 1.965 mm x 1.965 mm x 0.6
mm (0.5 mm pitch).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the
Copyright © 2012, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - LM8335TLE/NOPB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
DUAL OPERATIONAL AMPLIFIER
logo
ON Semiconductor
LM833 ONSEMI-LM833 Datasheet
133Kb / 8P
DUAL OPERATIONAL AMPLIFIER
Rev 0
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833 Datasheet
45Kb / 5P
LOW NOISE DUAL OPERATIONAL AMPLIFIERS
Dec-1997
logo
National Semiconductor ...
LM833 NSC-LM833 Datasheet
520Kb / 18P
Dual Audio Operational Amplifier
logo
ON Semiconductor
LM833 ONSEMI-LM833 Datasheet
100Kb / 8P
Low Noise, Audio Dual Operational Amplifier
December, 2005 ??Rev. 5
More results

Similar Description - LM8335TLE/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3279 TI-LM3279_15 Datasheet
1Mb / 37P
LM3279 Buck-Boost Converter With MIPI짰 RFFE Interface for 3G And 4G RF Power Amplifiers
logo
Infineon Technologies A...
BGS16MN14 INFINEON-BGS16MN14 Datasheet
1Mb / 17P
SP6T Diversity Antenna Switch with MIPI RFFE Interface
BGS18MN14 INFINEON-BGS18MN14 Datasheet
1Mb / 17P
SP8T Diversity Antenna Switch with MIPI RFFE Interface
Revision 3.0 - July 3, 2014
BGSF1717MN26 INFINEON-BGSF1717MN26 Datasheet
1Mb / 41P
Antenna Switch Module with integrated MIPI RFFE Interface
Revision 1.0, 2015-10-03
logo
ESPRESSIF SYSTEMS (SHAN...
ESP8266 ESPRESSIF-ESP8266 Datasheet
3Mb / 117P
General Purpose Input/Output Interface (GPIO)
logo
Will Semiconductor Ltd.
WS7808QM WILLSEMI-WS7808QM Datasheet
565Kb / 12P
0.1GHz??GHz SP8TDiversityAntenna Switch with MIPI RFFE Interface
WS7810QM WILLSEMI-WS7810QM Datasheet
1Mb / 12P
0.1GHz??GHz SP10T Diversity Antenna Switch with MIPI RFFE Interface
logo
Infineon Technologies A...
BGS15M2A12 INFINEON-BGS15M2A12 Datasheet
1Mb / 17P
SP5T Diversity Antenna Switch with MIPI RFFE Interface
Revision 3.0 - 2016-02-22
BGS110MN20 INFINEON-BGS110MN20 Datasheet
1Mb / 18P
SP10T Diversity Antenna Switch with MIPI RFFE Interface
Revision 3.1 - June 23, 2016
BGSX44MA12 INFINEON-BGSX44MA12 Datasheet
422Kb / 17P
4P4T Rx Switch with MIPI RFFE Interface
Revision 2.2 2018-05-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com