Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC312FR Datasheet(PDF) 13 Page - Analog Devices

Part # DAC312FR
Description  12-Bit High Speed Multiplying D/A Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC312FR Datasheet(HTML) 13 Page - Analog Devices

Back Button DAC312FR Datasheet HTML 6Page - Analog Devices DAC312FR Datasheet HTML 7Page - Analog Devices DAC312FR Datasheet HTML 8Page - Analog Devices DAC312FR Datasheet HTML 9Page - Analog Devices DAC312FR Datasheet HTML 10Page - Analog Devices DAC312FR Datasheet HTML 11Page - Analog Devices DAC312FR Datasheet HTML 12Page - Analog Devices DAC312FR Datasheet HTML 13Page - Analog Devices DAC312FR Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DAC312
–13–
REV. C
DESCRIPTION OF OPERATION
The DAC312 is divided into two major sections, an 8 segment
generator and a 9-bit master/slave D/A converter. In operation
the device performs as follows (see Simplified Schematic).
The three most significant bits (MSBs) are inputs to a 3-to-8
line decoder. The selected resistor (R5 in the figure) is con-
nected to the master/slave 9-bit D/A converter. All lower order
resistors (R1 through R4) are summed into the IO line, while all
higher order resistors (R6 through R8) are summed into the IO
line. The R5 current supplies 512 steps of current (0 mA to
0.499 mA for a 1 mA reference current) which are also summed
into the IO or IO lines depending on the bits selected. In the fig-
ure, the code selected is: 100 110000000. Therefore, 2 mA (4
×
0.5 mA/segment) +0.375 mA (from master/slave D/A converter)
are summed into IO giving an IO of 2.375 mA. IO has a current
of 1.625 mA with this code. As the three MSB’s are increment-
ed, each successively higher code adds 0.5 mA to IO and sub-
tracts 0.5 mA from IO, with the selected resistor feeding its
current to the master/slave D/A converter; thus each increment
of the 3 MSBs allows the current in the 9-bit D/A converter to
be added to a pedestal consisting of the sum of all lower order
currents from the segment generator. This configuration guar-
antees monotonicity.
Expanded Transfer Characteristic Segment (001 010 011)
Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com