Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA4313 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4313
Description  1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4313 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA4313 Datasheet HTML 9Page - Texas Instruments OPA4313 Datasheet HTML 10Page - Texas Instruments OPA4313 Datasheet HTML 11Page - Texas Instruments OPA4313 Datasheet HTML 12Page - Texas Instruments OPA4313 Datasheet HTML 13Page - Texas Instruments OPA4313 Datasheet HTML 14Page - Texas Instruments OPA4313 Datasheet HTML 15Page - Texas Instruments OPA4313 Datasheet HTML 16Page - Texas Instruments OPA4313 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Time (1 µs/div)
C023
C
L = 10 pF
C
L = 100 pF
V
IN
G = +1 V/V
V
S = 5.5 V
R
L = 10 k
Time (2.5 µs/div)
C024
V
OUT
V
IN
G = +1 V/V
V
S = 1.8 V
R
L = 10 k
0
10
20
30
40
50
60
70
80
90
0
100
200
300
400
Capacitive Load (pF)
C003
V
S = 1.8V, VCM = 0.5V
V
S = 5.5V
Time (1 µs/div)
C004
G = +1 V/V
V
S = 1.8V
V
CM = 0.5V
R
L = 10 kŸ
V
IN
C
L = 10 pF
C
L = 100 pF
±20
0
20
40
10
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
C000
G = +10 V/V
G = +1 V/V
G = -1 V/V
V
S = 5.5V
0
5
10
15
20
25
30
35
40
45
50
0
100
200
300
400
Capacitive Load (pF)
C002
V
S = 1.8V, VCM = 0.5V
V
S = 5.5V
Gain = +1 V/V
R
L = 10 kŸ
OPA313
OPA2313
OPA4313
www.ti.com
SBOS649C – SEPTEMBER 2012 – REVISED MARCH 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25 °C, VS = 5 V, RL = 10 kΩ connected to VS / 2, and VCM = VOUT = VS / 2, unless otherwise noted.
Figure 19. CLOSED-LOOP GAIN vs FREQUENCY
Figure 20. SMALL-SIGNAL OVERSHOOT vs
(Maximum Supply)
LOAD CAPACITANCE
Figure 21. PHASE MARGIN vs CAPACITIVE LOAD
Figure 22. SMALL-SIGNAL PULSE RESPONSE
(Minimum Supply)
Figure 23. SMALL-SIGNAL PULSE RESPONSE
Figure 24. LARGE-SIGNAL PULSE RESPONSE
(Maximum Supply)
(Minimum Supply)
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: OPA313 OPA2313 OPA4313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com