Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4532IPW Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS4532IPW
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4532IPW Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS4532IPW Datasheet HTML 9Page - Texas Instruments THS4532IPW Datasheet HTML 10Page - Texas Instruments THS4532IPW Datasheet HTML 11Page - Texas Instruments THS4532IPW Datasheet HTML 12Page - Texas Instruments THS4532IPW Datasheet HTML 13Page - Texas Instruments THS4532IPW Datasheet HTML 14Page - Texas Instruments THS4532IPW Datasheet HTML 15Page - Texas Instruments THS4532IPW Datasheet HTML 16Page - Texas Instruments THS4532IPW Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
−21
−18
−15
−12
−9
−6
−3
0
3
100k
1M
10M
100M
Frequency (Hz)
CL = 0 pF, RO = 0 Ω
CL = 15 pF, RO = 200 Ω
CL = 39 pF, RO = 100 Ω
CL = 120 pF, RO = 50 Ω
CL = 470 pF, RO = 20 Ω
CL = 1200 pF, RO = 12 Ω
VS = 2.7 V, G = 1 V/V
RF = 2 kΩ, RL = 2 kΩ
VOUT = 100 mVpp
G016
1
10
100
200
1
10
100
1k
2k
CLOAD (pF)
VS = 2.7 V
G = 1 V/V
RF = 2 kΩ
RL = 2 kΩ
G017
0
0.2
0.4
0.6
0.8
1
0.1
1
10
30
Differential Load Current (mA)
VSAT High
VSAT Low
VS = 2.7 V
G = 2 V/V
RF = 2 kΩ
G014
0.01
0.1
1
10
100
10k
100k
1M
10M
40M
Frequency (Hz)
VS = 2.7 V
G = 1 V/V
RF = 2 kΩ
VOUT = 100 mVpp
G015
−90
−80
−70
−60
−50
−40
−30
−20
−10
1
10
Frequency (MHz)
Second Intermodulation
Third Intermodulation
VS = 2.7 V
G = 1 V/V
RF = 2 kΩ
RL = 2 kΩ
VOUT = 2 Vpp Envelope
G012
0
0.5
1
1.5
2
2.5
50
100
1k
10k
Load Resistance (
Ω)
VOUT MAX
VOUT MIN
VS = 2.7 V
G = 2 V/V
RF = 2 kΩ
G013
THS4532
www.ti.com
SLOS829 – FEBRUARY 2013
TYPICAL CHARACTERISTICS: VS = 2.7V (continued)
Test conditions unless otherwise noted: VS+ = 2.7 V, VS– = 0V, CM = open, VOUT = 2Vpp, RF = 2kΩ, RL = 2kΩ Differential, G =
1V/V, Single-Ended Input, Differential Output, Input and Output Referenced to mid-supply unless otherwise noted.
SINGLE-ENDED OUTPUT VOLTAGE SWING
vs
TWO-TONE, 2nd and 3rdORDER INTERMODULATION
DISTORTION vs FREQUENCY
LOAD RESISTANCE
Figure 14.
Figure 15.
SINGLE-ENDED OUTPUT SATURATION VOLTAGE
MAIN AMPLIFIER DIFFERENTIAL OUTPUT IMPEDANCE
vs
vs
LOAD CURRENT
FREQUENCY
Figure 16.
Figure 17.
FREQUENCY RESPONSE
RO
vs
vs
CLOAD
CLOAD
Figure 18.
Figure 19.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links :THS4532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com