Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB3000RLSR Datasheet(PDF) 2 Page - Texas Instruments

Part # TS3USB3000RLSR
Description  DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3USB3000RLSR Datasheet(HTML) 2 Page - Texas Instruments

  TS3USB3000RLSR Datasheet HTML 1Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 2Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 3Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 4Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 5Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 6Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 7Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 8Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
3
4
5
USB+
USB-
MHL+
MHL-
/OE
D-
D+
SEL
1
6
7
8
9
10
TS3USB3000
SCDS337 – DECEMBER 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PIN DESCRIPTION
Pin Description Table
PIN
DESCRIPTION
NO.
NAME
TYPE
1
USB+
I/O
USB Data (Differential +)
2
USB–
I/O
USB Data (Differential –)
3
MHL+
I/O
MHL Data (Differential +)
4
MHL–
I/O
MHL Data (Differential –)
5
GND
Ground
Ground
6
OE
Input
Output Enable (Active Low)
7
D–
I/O
Data Switch Output (Differential –)
8
D+
I/O
Data Switch Output (Differential +)
9
SEL
Input
Output Select
10
VCC
Power
Supply
FUNCTION TABLE
SEL
OE
SWITCH STATUS
X
High
Both USB and MHL switches in High-Z
Low
Low
D+/D– to USB+/USB–
High
Low
D+/D– to MHL+/MHL–
SUMMARY OF TYPICAL CHARACTERISTICS
MHL PATH
USB PATH
Number of switches
2
2
ON-state resistance (ron)
5.7
Ω
4.6
Ω
ON-state resistance match (
Δron)
<0.1
Ω
<0.1
Ω
ON-state capacitance (CI/O,on)
1.6 pF
1.4 pF
Bandwidth (BW)
6.1 GHz
6.1 GHz
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TS3USB3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com