Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8222GP Datasheet(PDF) 3 Page - Analog Devices

Part # DAC8222GP
Description  Dual 12-Bit Double-Buffered Multiplying CMOS D/A Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8222GP Datasheet(HTML) 3 Page - Analog Devices

  DAC8222GP Datasheet HTML 1Page - Analog Devices DAC8222GP Datasheet HTML 2Page - Analog Devices DAC8222GP Datasheet HTML 3Page - Analog Devices DAC8222GP Datasheet HTML 4Page - Analog Devices DAC8222GP Datasheet HTML 5Page - Analog Devices DAC8222GP Datasheet HTML 6Page - Analog Devices DAC8222GP Datasheet HTML 7Page - Analog Devices DAC8222GP Datasheet HTML 8Page - Analog Devices DAC8222GP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DAC8222
–3–
REV. C
ABSOLUTE MAXIMUM RATINGS
(TA = +25
°C, unless otherwise noted.)
VDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V, +17 V
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V, +17 V
AGND to DGND . . . . . . . . . . . . . . . . . . –0.3 V, VDD +0.3 V
Digital Input Voltage to DGND . . . . . . . –0.3 V, VDD +0.3 V
IOUTA, IOUTB to AGND . . . . . . . . . . . . . . –0.3 V, VDD +0.3 V
VREFA, VREFB to AGND . . . . . . . . . . . . . . . . . . . . . . . . .
±25 V
VRFBA, VRFBB to AGND . . . . . . . . . . . . . . . . . . . . . . . . .
±25 V
Operating Temperature Range
AW Version . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
EW, FW, FP Versions . . . . . . . . . . . . . . . . –40
°C to +85°C
GP, HP, HS Versions . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . +300
°C
Package Type
JA
1
JC
Units
24-Lead Hermetic DIP (W)
69
10
°C/W
24-Lead Plastic DIP (P)
62
32
°C/W
24-Lead SOL (S)
72
24
°C/W
NOTE
1
θ
JA is specified for worst-case mounting conditions, i.e., qJA is specified for
device in socket for Cerdip, and P-DIP packages; JA is specified for device
soldered to printed circuit board for SO package.
CAUTION
1. Do not apply voltages higher than VDD or less than GND
potential on any terminal except VREF and RFB.
2. The digital control inputs are Zener-protected; however,
permanent damage may occur on unprotected units from
high-energy electrostatic fields. Keep units in conductive
foam at all times until ready to use.
3. Do not insert this device into powered sockets; remove
power before insertion or removal.
4. Use proper antistatic handling procedures.
5. Devices can suffer permanent damage and/or reliability deg-
radation if stressed above the limits listed under Absolute
Maximum Ratings for extended periods.
PIN CONNECTIONS
24-Lead 0.3" Cerdip
24-Lead Plastic DIP
24-Lead SOL
28-Terminal LCC
NC = NO CONNECT
ORDERING GUIDE
INL
GFSE
Temperature
Package
Package
Model
(LSB) (LSB)
Range
Description
Option
DAC8222EW
±1/2
± 1
–40
°C to +85°C
Cerdip-24
Q-24
DAC8222GP
±1/2
± 20°C to +70°C
P-DIP-24
N-24
DAC8222BTC/883*
±1
± 4
–55
°C to +125°C LCC-28
E-28A
DAC8222FW
±1
± 4
–40
°C to +85°C
Cerdip-24
Q-24
DAC8222FP
±1
± 4
–40
°C to +85°C
P-DIP-24
N-24
DAC8222FS
±1
± 4
–40
°C to +85°C
SOL-24
R-24
*Consult factory for DAC8222/883 MIL-STD data sheet.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the DAC8222 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com