Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8408 Datasheet(PDF) 13 Page - Analog Devices

Part # DAC8408
Description  Quad 8-Bit Multiplying CMOS D/A Converter with Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8408 Datasheet(HTML) 13 Page - Analog Devices

Back Button DAC8408 Datasheet HTML 8Page - Analog Devices DAC8408 Datasheet HTML 9Page - Analog Devices DAC8408 Datasheet HTML 10Page - Analog Devices DAC8408 Datasheet HTML 11Page - Analog Devices DAC8408 Datasheet HTML 12Page - Analog Devices DAC8408 Datasheet HTML 13Page - Analog Devices DAC8408 Datasheet HTML 14Page - Analog Devices DAC8408 Datasheet HTML 15Page - Analog Devices DAC8408 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DAC8408
–13–
REV. A
Figure 9. A Digitally Programmable Universal Active Filter
Figure 10. Programmable Active Filter Band-Pass
Frequency Response
All components used are available off-the-shelf. Using low drift
thin-film resistors, the DAC8408 exhibits very stable perfor-
mance over temperature. The wide bandwidth of the OP-470
produces excellent high frequency and high Q response. In addi-
tion, the OP470’s low input offset voltage assures an unusually
low dc offset at the filter output.
A DIGITALLY PROGRAMMABLE ACTIVE FILTER
A powerful D/A converter application is a programmable active
filter design as shown in Figure 9. The design is based on the
state-variable filter topology which offers stable and repeatable
filter characteristics. DAC B and DAC D can be programmed in
tandem with a single digital byte load which sets the center fre-
quency of the filter. DAC A sets the Q of the filter. DAC C sets
the gain of the filter transfer function. The unique feature of this
design is that varying the gain of filter does not affect the Q of
the filter. Similarly, the reverse is also true. This makes the pro-
grammability of the filter extremely reliable and predictable.
Note that low-pass, high-pass, and bandpass outputs are avail-
able. This sophisticated function is achieved in only two IC
packages.
The network analyzer photo shown in Figure 10 superimposes
five actual bandpass responses ranging from the lowest fre-
quency of 75 Hz (1 LSB ON) to a full-scale frequency of 19.132
kHz (all bits ON), which is equivalent to a 256 to 1 dynamic
range. The frequency is determined by fC = 1/2πRC where R is
the ladder resistance (RIN) of the DAC8408, and C is 1000 pF.
Note that from device to device, the resistance RIN varies. Thus
some tuning may be necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com