Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSQ06001 Datasheet(PDF) 5 Page - DB Lectro Inc

Part # MSQ06001
Description  Caract챕ristiques fonctionnelles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MSQ06001 Datasheet(HTML) 5 Page - DB Lectro Inc

  MSQ06001 Datasheet HTML 1Page - DB Lectro Inc MSQ06001 Datasheet HTML 2Page - DB Lectro Inc MSQ06001 Datasheet HTML 3Page - DB Lectro Inc MSQ06001 Datasheet HTML 4Page - DB Lectro Inc MSQ06001 Datasheet HTML 5Page - DB Lectro Inc MSQ06001 Datasheet HTML 6Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
*W [kg]: Approximate Weight per box in kg
**industrial packaging: add “-00000E” at standard code
MSQ
MSQ__006-000T
Straight, Modular-Side Entry
10.16 mm / .400” Pitch
Weight per pole: 2.51 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
01
MSQ01006-000T
350
0,88
2000
5,02
02
MSQ02006-000T
225
1,13
1250
6,28
03
MSQ03006-000T
125
0,94
750
5,65
04
MSQ04006-000T
100
1,00
500
5,02
05
MSQ05006-000T
75
0,94
500
6,28
06
MSQ06006-000T
75
1,13
500
7,53
07
MSQ07006-000T
50
0,88
250
4,39
08
MSQ08006-000T
50
1,00
250
5,02
09
MSQ09006-000T
50
1,13
250
5,65
10
MSQ10006-000T
25
0,63
250
6,28
11
MSQ11006-000T
25
0,69
250
6,90
12
MSQ12006-000T
25
0,75
250
7,53
13
MSQ13006-000T
25
0,82
250
8,16
MSQ__007-000T
Straight, Modular-Side Entry
7.62 mm / .300” Pitch
Weight per pole: 2.40 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSQ02007-000T
225
1,08
1250
6,00
03
MSQ03007-000T
150
1,08
750
5,40
MSQ__005-000T
Straight, Modular-Side Entry
5.08 mm / .200” Pitch
Weight per pole: 2.03 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSQ02005-000T
350
1,42
2000
8,12
03
MSQ03005-000T
225
1,37
1250
7,61
04
MSQ04005-000T
175
1,42
1000
8,12
05
MSQ05005-000T
125
1,27
750
7,61
06
MSQ06005-000T
125
1,52
750
9,14
07
MSQ07005-000T
100
1,42
500
7,11
08
MSQ08005-000T
75
1,22
500
8,12
09
MSQ09005-000T
75
1,37
500
9,14
10
MSQ10005-000T
75
1,52
500
10,15
11
MSQ11005-000T
75
1,67
250
5,58
12
MSQ12005-000T
50
1,22
250
6,09
13
MSQ13005-000T
50
1,32
250
6,60
14
MSQ14005-000T
50
1,42
250
7,11
15
MSQ15005-000T
50
1,52
250
7,61
16
MSQ16005-000T
50
1,62
250
8,12
17
MSQ17005-000T
50
1,73
200
6,90
18
MSQ18005-000T
50
1,83
200
7,31
19
MSQ19005-000T
25
0,96
200
7,71
20
MSQ20005-000T
25
1,02
200
8,12
21
MSQ21005-000T
25
1,07
200
8,53
22
MSQ22005-000T
25
1,12
200
8,93
23
MSQ23005-000T
25
1,17
200
9,34
24
MSQ24005-000T
25
1,22
150
7,31
25
MSQ25005-000T
25
1,27
150
7,61
MSQ__002-000T
Straight, Modular-Side Entry
10 mm / .394” Pitch
Weight per pole: 2.51 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
01
MSQ01002-000T
350
0,88
2000
5,02
02
MSQ02002-000T
225
1,13
1250
6,28
03
MSQ03002-000T
125
0,94
750
5,65
04
MSQ04002-000T
100
1,00
500
5,02
05
MSQ05002-000T
75
0,94
500
6,28
06
MSQ06002-000T
75
1,13
500
7,53
07
MSQ07002-000T
50
0,88
250
4,39
08
MSQ08002-000T
50
1,00
250
5,02
09
MSQ09002-000T
50
1,13
250
5,65
10
MSQ10002-000T
25
0,63
250
6,28
11
MSQ11002-000T
25
0,69
250
6,90
12
MSQ12002-000T
25
0,75
250
7,53
13
MSQ13002-000T
25
0,82
250
8,16
MSQ__003-000T
Straight, Modular-Side Entry
7.5 mm / .295” Pitch
Weight per pole: 2.40 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSQ02003-000T
225
1,08
1250
6,00
03
MSQ03003-000T
150
1,08
750
5,40
04
MSQ04003-000T
100
0,96
500
4,80
MSQ__001-000T
Straight, Modular-Side Entry
5 mm / .197” Pitch
Weight per pole: 2.03 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSQ02001-000T
350
1,42
2000
8,12
03
MSQ03001-000T
225
1,37
1250
7,61
04
MSQ04001-000T
175
1,42
1000
8,12
05
MSQ05001-000T
125
1,27
750
7,61
06
MSQ06001-000T
125
1,52
750
9,14
07
MSQ07001-000T
100
1,42
500
7,11
08
MSQ08001-000T
75
1,22
500
8,12
09
MSQ09001-000T
75
1,37
500
9,14
10
MSQ10001-000T
75
1,52
500
10,15
11
MSQ11001-000T
75
1,67
250
5,58
12
MSQ12001-000T
50
1,22
250
6,09
13
MSQ13001-000T
50
1,32
250
6,60
14
MSQ14001-000T
50
1,42
250
7,11
15
MSQ15001-000T
50
1,52
250
7,61
16
MSQ16001-000T
50
1,62
250
8,12
17
MSQ17001-000T
50
1,73
200
6,90
18
MSQ18001-000T
50
1,83
200
7,31
19
MSQ19001-000T
25
0,96
200
7,71
20
MSQ20001-000T
25
1,02
200
8,12
21
MSQ21001-000T
25
1,07
200
8,53
22
MSQ22001-000T
25
1,12
200
8,93
23
MSQ23001-000T
25
1,17
200
9,34
24
MSQ24001-000T
25
1,22
150
7,31
25
MSQ25001-000T
25
1,27
150
7,61
Wire entry
Wire entry
Wire entry
Wire entry
Wire entry
Wire entry
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com