Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8420FP Datasheet(PDF) 2 Page - Analog Devices

Part # DAC8420FP
Description  Quad 12-Bit Serial Voltage Output DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8420FP Datasheet(HTML) 2 Page - Analog Devices

  DAC8420FP Datasheet HTML 1Page - Analog Devices DAC8420FP Datasheet HTML 2Page - Analog Devices DAC8420FP Datasheet HTML 3Page - Analog Devices DAC8420FP Datasheet HTML 4Page - Analog Devices DAC8420FP Datasheet HTML 5Page - Analog Devices DAC8420FP Datasheet HTML 6Page - Analog Devices DAC8420FP Datasheet HTML 7Page - Analog Devices DAC8420FP Datasheet HTML 8Page - Analog Devices DAC8420FP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DAC8420–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
REV. 0
–2–
(at VDD = +5.0 V
5%, VSS = 0.0 V, VVREFHI = +2.5 V, VVREFLD = 0.0 V, and
VSS = –5.0 V
5%, VVREFLO = –2.5 V, –40 C ≤ TA
≤ +85 C unless otherwise noted. See Note 1 for supply variations.)
Parameter
Symbol
Condition
Min
Typ
Max
Units
STATIC ACCURACY
Integral Linearity “E”
INL
±1/4
±1
LSB
Integral Linearity “E”
INL
Note 2, VSS = 0 V
±1/2
±3
LSB
Integral Linearity “F”
INL
±3/4
±2
LSB
Integral Linearity “F”
INL
Note 2, VSS = 0 V
±1
±4
LSB
Differential Linearity
DNL
Monotonic Over Temperature
±1/4
±1
LSB
Min-Scale Error
ZSE
RL = 2 kΩ, VSS = –5 V
±4
LSB
Full-Scale Error
FSE
RL = 2 kΩ, VSS = –5 V
±4
LSB
Min-Scale Error
ZSE
Note 2, RL = 2 kΩ, VSS = 0 V
±8
LSB
Full-Scale Error
FSE
Note 2, RL = 2 kΩ, VSS = 0 V
±8
LSB
Min-Scale Tempco
TCZSE
Note 3, RL = 2 kΩ, VSS = –5 V
±10
ppm/
°C
Full-Scale Tempco
TCFSE
Note 3, RL = 2 kΩ, VSS = –5 V
±10
ppm/
°C
MATCHING PERFORMANCE
Linearity Matching
±1
LSB
REFERENCE
Positive Reference Input Range
VVREFHI
Note 4
VVREFLO +2.5
VDD –2.5
V
Negative Reference Input Range
VVREFLO
Note 4
VSS
VVREFHI –2.5
V
Negative Reference Input Range
VVREFLO
Note 4, VSS = 0 V
0
VVREFHI –2.5
V
Reference High Input Current
IVREFHI
Codes 000H, 555H
–0.75
±0.25
+0.75
mA
Reference Low Input Current
IVREFLO
Codes 000H, 555H, VSS = –5 V
–1.0
–0.6
mA
AMPLIFIER CHARACTERISTICS
Output Current
IOUT
VSS = –5 V
–1.25
+1.25
mA
Settling Time
tS
to 0.01%, Note 5
8
µs
Slew Rate
SR
10% to 90%, Note 5
1.5
V/
µs
LOGIC CHARACTERISTICS
Logic Input High Voltage
VINH
2.4
V
Logic Input Low Voltage
VINL
0.8
V
Logic Input Current
IIN
10
µA
Input Capacitance
CIN
Note 3
13
pF
LOGIC TIMING CHARACTERISTICS
3, 6
Data Setup Time
tDS
25
ns
Data Hold
tDH
55
ns
Clock Pulse Width HIGH
tCH
90
ns
Clock Pulse Width LOW
tCL
120
ns
Select Time
tCSS
90
ns
Deselect Delay
tCSH
5ns
Load Disable Time
tLD1
130
ns
Load Delay
tLD2
35
ns
Load Pulse Width
tLDW
80
ns
Clear Pulse Width
tCLRW
150
ns
SUPPLY CHARACTERISTICS
Power Supply Sensitivity
PSRR
0.002
0.01
%/%
Positive Supply Current
IDD
47
mA
Negative Supply Current
ISS
–6
–3
mA
Power Dissipation
PDISS
VSS = 0 V
20
35
mW
NOTES
1All supplies can be varied
±5% and operation is guaranteed. Device is tested with V
DD = +4.75 V.
2For single-supply operation (V
VREFLO = 0 V, VSS = 0 V), due to internal offset errors INL and DNL are measured beginning at code 003H.
3Guaranteed but not tested.
4Operation is guaranteed over this reference range, but linearity is neither tested nor guaranteed.
5V
OUT swing between +2.5 V and –2.5 V with VDD = 5.0 V.
6All input control signals are specified with tr = tf =5 ns (10% to 90% of +5 V) and timed from a voltage level of 1.6 V.
7Typical values indicate performance measured at +25
°C.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com