Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2520DB Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # CT2520DB
Description  2.5횞2.0mm for Mobile Communications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CT2520DB Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  CT2520DB Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.50±0.10
GND
HOT
SENSOR
HOT
4−0.75±0.1
#4
#3
#1
#1
#4
#2
#4
#3
#1
#2
#2
#3
CONNECTION
(TOP VIEW)
Dimensions
(Unit: mm)
0.95
0.95
1.00
Recommended Land Pattern
(Unit: mm)
Crystal Units with Thermistor
Surface Mount Type CT2520DB
2.5
×2.0mm for Mobile Communications
RoHS Compliant
Features
• Reference frequency for
telecommunication systems
• Reflow compatible
• Using ceramic package resulting in high
reliability
Applications
• Mobile Communications, Bluetooth®,
Wireless LAN, GPS
* Bluetooth® Trademarks are owned by
Bluetooth SIG Inc.
How to Order
CT2520DB 19200 □□ □ □ □ □□
①
②
③ ④ ⑤ ⑥ ⑦
① Series
② Frequency
③ Load Capacitance
B0
6 pF
—
C0
7 pF
Std.
④ Frequency Stability
F
±10×10-6 Std.
G
±15×10-6
—
⑤ Operating Temp. Range ⑥ Frequency Temp. Stability
FF
-20 to +70°C
±10×10-6
—
LJ
-30 to +85°C
±15×10-6
—
⑦ Individual Specification
Packaging (Tape & Reel 12000 pcs./ reel)
Specifications
Item
Symbol
Specification
Units
Remarks
Frequency Range
f_nom
16000 to 60000
kHz
Overtone Order
OT
Fundamental
―
Load Capacitance
CL
7
pF
Frequency Stability
f_tol
±10
×10-6
25
°C±3°C
Motional Series Resistance
R1
Table 1
ohm
Drive Level
DL
10
μW
100
μW max.
Operating Temp. Range
T_use
-30 to +85
°C
Storage Temp. Range
T_stg
-40 to +105
°C
Frequency Temp. Characteristics
f_tem
±12
×10-6
Freq. deviation from the value at 25
°C
Thermistor Resistance
―
Table 2
ohm
25
°C
Thermistor B-Constant
―
Table 3
K
25
°C-50°C
• Please contact us for other specifications.
Table1 Motional Series Resistance
Frequency Range Motional Series Resistance
16000 to 19199kHz
100
Ω max.
19200 to 25999kHz
80
Ω max.
26000 to 29999kHz
60
Ω max.
30000 to 60000kHz
50
Ω max.
Table 2 Thermistor Resistance
Resistance
Specification
100k
Ω
±1%
Table 3 Thermistor B-Constant
B-Constant
Specification
4250K
±1%


Similar Part No. - CT2520DB

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CT2520DB19200B0FEF KSS-CT2520DB19200B0FEF Datasheet
70Kb / 1P
Crystal units surface mount type
CT2520DB19200B0FLH KSS-CT2520DB19200B0FLH Datasheet
70Kb / 1P
Crystal units surface mount type
CT2520DB19200B0FLJ KSS-CT2520DB19200B0FLJ Datasheet
70Kb / 1P
Crystal units surface mount type
CT2520DB19200B0GEF KSS-CT2520DB19200B0GEF Datasheet
70Kb / 1P
Crystal units surface mount type
CT2520DB19200B0GLH KSS-CT2520DB19200B0GLH Datasheet
70Kb / 1P
Crystal units surface mount type
More results

Similar Description - CT2520DB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VMOB70 ETC-VMOB70 Datasheet
154Kb / 3P
MOBILE COMMUNICATIONS
logo
Linear Technology
LTC2637 LINER-LTC2637 Datasheet
1Mb / 28P
Mobile Communications
logo
NIHON DEMPA KOGYO
NX2016SF NDK-NX2016SF Datasheet
369Kb / 1P
For Mobile Communications
NX2520SG NDK-NX2520SG_15 Datasheet
295Kb / 1P
For Mobile Communications
NX5032SA NDK-NX5032SA_15 Datasheet
299Kb / 1P
For Mobile Communications
NX2520SG NDK-NX2520SG_16 Datasheet
697Kb / 1P
For Mobile Communications
NX2016SF_18 NDK-NX2016SF_18_03 Datasheet
785Kb / 1P
For Mobile Communications
NX1612SB NDK-NX1612SB_17 Datasheet
755Kb / 1P
For Mobile Communications
NX5032SA NDK-NX5032SA_16 Datasheet
701Kb / 1P
For Mobile Communications
logo
AVX Corporation
CP0603V0836CNTR AVX-CP0603V0836CNTR Datasheet
108Kb / 3P
Mobile communications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com