Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8512FP Datasheet(PDF) 12 Page - Analog Devices

Part # DAC8512FP
Description  % V, Serial Input Complete 12-Bit DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8512FP Datasheet(HTML) 12 Page - Analog Devices

Back Button DAC8512FP Datasheet HTML 8Page - Analog Devices DAC8512FP Datasheet HTML 9Page - Analog Devices DAC8512FP Datasheet HTML 10Page - Analog Devices DAC8512FP Datasheet HTML 11Page - Analog Devices DAC8512FP Datasheet HTML 12Page - Analog Devices DAC8512FP Datasheet HTML 13Page - Analog Devices DAC8512FP Datasheet HTML 14Page - Analog Devices DAC8512FP Datasheet HTML 15Page - Analog Devices DAC8512FP Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
DAC8512
–12–
REV. A
9
18
1
2
17
R1
100k
7
6
R2
5k
Ω
P1
100k
Ω
5
4
11
0.1
µF
–15V
AMP05
10
R
CS
100
Ω
0mA
≤ I
OUT ≤ 10mA
2.4
µA/ BIT
12
0.1
µF
+15V
+15V
0.1
µF
4
REF02
6
2
0.1
µF
R3
3k
R4
1k
8
6
2
8
DAC8512FZ
1
CS
CLR
5
3
4
LD
SCLK
SDI
7
Figure 31. A High-Compliance, Digitally Controlled
Precision Current Source
A Single-Supply, Programmable Current Source
The circuit in Figure 32 shows how the DAC8512 can be used
with an OP295 single-supply, rail-to-rail output op amp to pro-
vide a digitally programmable current sink from VSOURCE that
consumes less than 3.8 mA, maximum. The DAC’s output volt-
age is applied across R1 by placing the 2N2222 transistor in the
OP295’s feedback loop. For the circuit values shown, the full-
scale output current is 1 mA which is given by the following
equation:
IOUT =
DW
× 4.095V
R1
where DW = DAC8512’s binary digital input code.
FULL-SCALE
ADJUST
A1 = 1/2 OP295
+5V
6
2
8
DAC8512FP
1
CS
CLR
5
3
4
LD
SCLK
SDI
7
3
2
A1
1
+5V
0.1
µF
V
S
LOAD
2N2222
R1
4.02k
Ω
P1
200
Ω
Figure 32. A Single-Supply, Programmable Current
Source
The usable output voltage range of the current sink is +5 V to
+60 V. The low limit of the range is controlled by transistor
saturation, and the high limit is controlled by the collector-base
breakdown voltage of the 2N2222.
A Digitally Programmable Window Detector
A digitally programmable, upper/lower limit detector using two
DAC8512s is shown in Figure 33. The required upper and
lower limits for the test are loaded into each DAC individually
by controlling HDAC/LDAC. If a signal at the test input is not
within the programmed limits, the output will indicate a logic
zero which will turn the red LED on.
2
1
1/6
74HC05
HDAC/LDAC
CLR
+5V
1k
Ω
C1
C2
+5V
12
3
2
1
4
6
7
5
+5V
R1
604
Ω
RED LED
T1
34
+5V
R2
604
Ω
GREEN LED
T1
PASS/FAIL
C1, C2 = 1/4 CMP-404
1/6
74HC05
VIN
LD
SCLK
SDI
0.1
µF
+5V
2
6
8
DAC8512
1
5
3
4
7
0.1
µF
+5V
2
6
8
DAC8512
1
5
3
4
7
0.1
µF
Figure 33. A Digitally Programmable Window Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com