Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8512FS Datasheet(PDF) 15 Page - Analog Devices

Part # DAC8512FS
Description  % V, Serial Input Complete 12-Bit DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8512FS Datasheet(HTML) 15 Page - Analog Devices

Back Button DAC8512FS Datasheet HTML 11Page - Analog Devices DAC8512FS Datasheet HTML 12Page - Analog Devices DAC8512FS Datasheet HTML 13Page - Analog Devices DAC8512FS Datasheet HTML 14Page - Analog Devices DAC8512FS Datasheet HTML 15Page - Analog Devices DAC8512FS Datasheet HTML 16Page - Analog Devices DAC8512FS Datasheet HTML 17Page - Analog Devices DAC8512FS Datasheet HTML 18Page - Analog Devices DAC8512FS Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
DAC8512
–15–
REV. A
A Digitally Controlled, Ultralow Noise VCA
The circuit in Figure 38 illustrates how the DAC8512 can be
used to control an ultralow noise VCA, using the AD600/
AD602. The AD600/AD602 is a dual, low noise, wideband,
variable gain amplifier based on the X-AMP topology.* Both
channels of the AD600 are wired in parallel to achieve a
wideband VCA which exhibits an RTI (Referred To Input)
noise voltage spectral density of approximately 1 nV/
√Hz. The
output of the VCA requires an AD844 configured in a gain of 4
to account for signal loss due to input and output 50
Ω termina-
tions. As configured, the total gain in the circuit is 40 dB.
Since the output of the DAC8512 is single quadrant, it was nec-
essary to offset the AD600’s gain control voltage so that the gain
of the circuit is 0 dB for zero scale and 40 dB at full scale. This
was achieved by setting C1LO and C2LO to +625 mV using R1
and R2. Next, the output of the DAC8512 was scaled so that
the gain of the AD600 equaled 20 dB when the digital input
code equaled 800H. The frequency response of the VCA as a
function of digital code is shown in Figure 39.
*For more details regarding the AD600 or AD602, please consult the AD600/
AD602 data sheet.
+70
+20
–30
100k
100M
10M
1M
10k
+30
+40
+50
+60
–20
–10
0
+10
FREQUENCY – Hz
4095
3072
2048
1024
0
Figure 39. VCA Frequency Response vs. Digital Code
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
REF
AD600JN
V+
V–
0.1
µF
0.1
µF
6
2
DAC8512FZ
8
7
CS
CLR
1
0.1
µF
V+
1
µF
R6
2.26k
Ω
R7
1k
Ω
0
≤ V
G ≤ 1.25V
5
LD
3
SCLK
4
SDI
R1
619
Ω
R2
4.32k
Ω
V+
+625mV
6
3
2
0.1
µF
0.1
µF
V+
V
OUT
0.01dB/BIT
10
µF
+5V
10
µF
–5V
V+
V–
FB = FAIR RITE
#2743001111
SUPPLY DECOUPLING NETWORK
V–
R5
806
Ω
R3
402
Ω
R4
402
Ω
R4
49.9
Ω
V
IN
AD844
Figure 38. A Digitally Controlled, Ultralow Noise VCA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com