Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8426FP Datasheet(PDF) 3 Page - Analog Devices

Part # DAC8426FP
Description  Quad 8-Bit Voltage Out CMOS DAC Complete with Internal 10 V Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8426FP Datasheet(HTML) 3 Page - Analog Devices

  DAC8426FP Datasheet HTML 1Page - Analog Devices DAC8426FP Datasheet HTML 2Page - Analog Devices DAC8426FP Datasheet HTML 3Page - Analog Devices DAC8426FP Datasheet HTML 4Page - Analog Devices DAC8426FP Datasheet HTML 5Page - Analog Devices DAC8426FP Datasheet HTML 6Page - Analog Devices DAC8426FP Datasheet HTML 7Page - Analog Devices DAC8426FP Datasheet HTML 8Page - Analog Devices DAC8426FP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DAC8426
–3–
REV. C
CAUTION
1. Do not apply voltages higher than VDD or less than VSS po-
tential on any terminal.
2. The digital control inputs are zener-protected; however,
permanent damage may occur on unprotected units from
high-energy electrostatic fields. Keep units in conductive
foam at all times until ready to use.
3. Do not insert this device into powered sockets. Remove
power before insertion or removal.
4. Stresses above those listed under “Absolute Maximum Rat-
ings” may cause permanent damage to device.
Burn-In Circuit
ABSOLUTE MAXIMUM RATINGS
VDD to AGND or DGND . . . . . . . . . . . . . . . . . –0.3 V, +17 V
VSS to AGND or DGND . . . . . . . . . . . . . . . . . . . . . –7 V, VDD
VDD to VSS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +24 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +5 V
Digital Input Voltage to DGND . . . . . . . . . . . . . –0.3 V, VDD
VREFOUT to AGND
1
. . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD
VOUT to AGND
1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . VSS, VDD
Operating Temperature
Military AR/BR . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Extended Industrial ER/EP/FR/FP/FS . . . . –40
°C to +85°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . +150
°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . +300
°C
THERMAL RESISTANCE
Package Type
JA
2
JC
Units
20-Pin Cerdip (R)
70
7
°C/W
20-Pin Plastic DIP (P)
61
24
°C/W
20-Pin SOL(S)
80
22
°C/W
NOTES
1Outputs may be shorted to any terminal provided the package power dissipation
is not exceeded. Typical output short-circuit current to AGND is 50 mA.
2
θ
JA is specified for worst case mounting conditions, i.e., θJA is specified for de-
vice in socket for cerdip and P-DIP packages;
θ
JA is specified for device sol-
dered to printed circuit board for SOL package.
20-Pin Cerdip
(R Suffix)
20-Pin Epoxy DIP
(P Suffix)
20-Pin SOL
(S Suffix)
PIN CONNECTIONS
ORDERING GUIDE
1
Model
Total Unadjusted Error
Temperature Range
Package Description
DAC8426AR
2
±1 LSB
–55
°C to +125°C
20-Pin Cerdip (Q-20)
DAC8426ER
±1 LSB
–40
°C to +85°C
20-Pin Cerdip (Q-20)
DAC8426EP
±1 LSB
–40
°C to +85°C
20-Pin Plastic DIP (N-20)
DAC8426BR
2
±2 LSB
–55
°C to +125°C
20-Pin Cerdip (Q-20)
DAC8426FR
±2 LSB
–40
°C to +85°C
20-Pin Cerdip (Q-20)
DAC8426FP
±2 LSB
–40
°C to +85°C
20-Pin Plastic DIP (N-20)
DAC8426FS
3
±2 LSB
–40
°C to +85°C
20-Lead SOL (R-20)
NOTES
1Burn-in is available on commercial and industrial temperature range parts in cerdip, plastic DIP, and TO-can packages.
2For devices processed in total compliance to MIL-STD-883, add /883 after part number. Consult factory for 883 data sheet.
3For availability and burn-in information on SO and PLCC packages, contact your local sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com