Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTS1035A04LM Datasheet(PDF) 1 Page - DB Lectro Inc

Part # MTS1035A04LM
Description  Magnetic Transducer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MTS1035A04LM Datasheet(HTML) 1 Page - DB Lectro Inc

  MTS1035A04LM Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MTS1370 Series
Specifications:
Parameters
Units
MTS1370A05LM
Min Sound Pressure Level at 10cm
dBA
90
Rated Voltage
Vo-p
5
Operating Voltage
Vo-p
4 - 7
Resonance Frequency
Hz
2400
Max Operating Current
mA
60
Coil Resistance
41
5
Operating Temperature
°C
-30 - +85
Case Material
-
LCP
Weight
g
2.8
MTS1035 Series
Specifications:
Parameters
Units
MTS1035A04LM
Unit: mm • Tolerance: 0.5mm
Min Sound Pressure Level at 10cm
dBA
93
Rated Voltage
Vo-p
3.6
Operating Voltage
Vo-p
2 - 4
Resonance Frequency
Hz
2830
Max Operating Current
mA
80
Coil Resistance
18
3
Operating Temperature
°C
-30 - +85
Case Material
-
LCP
Weight
g
0.6
Value applying rated voltage (1/2 duty square wave, resonance frequency)
Magnetic Transducer
SMD Type
www.hk-sound.com
MTS1310 Series
Specifications:
Min Sound Pressure Level at 10cm
dBA
90
90
90
Rated Voltage
Vo-p
3
5
12
Operating Voltage
Vo-p
2 - 5
4 - 7
8 - 16
Resonance Frequency
Hz
2400
2400
2400
Max Operating Current
mA
60
60
40
Coil Resistance
25
541
5140
14
Operating Temperature
°C
-30 - +85
-30 - +85
-30 - +85
Case Material
-
LCP
LCP
LCP
Weight
g
2.8
2.8
2.8
Value applying rated voltage (1/2 duty square wave, resonance frequency)
Parameters
Units
MTS1310A03LM MTS1310A05LM
MTS1310A12LM
P.22
Unit: mm • Tolerance: 0.5mm
Value applying rated voltage (1/2 duty square wave, resonance frequency)
Unit: mm • Tolerance: 0.5mm


Similar Part No. - MTS1035A04LM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTS103 MOTOROLA-MTS103 Datasheet
229Kb / 4P
Precise Temperature Coefficient
More results

Similar Description - MTS1035A04LM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMX-7T05P ETC2-EMX-7T05P Datasheet
114Kb / 1P
Magnetic Transducer
254-MB562 ETC2-254-MB562 Datasheet
101Kb / 1P
Magnetic Transducer
logo
Soberton Inc.
ST-025BH SOBERTON-ST-025BH_09 Datasheet
1Mb / 7P
Magnetic Transducer
ST-025BL SOBERTON-ST-025BL_09 Datasheet
1Mb / 7P
Magnetic Transducer
ST-025BLA SOBERTON-ST-025BLA_09 Datasheet
1Mb / 7P
Magnetic Transducer
ST-025BT SOBERTON-ST-025BT Datasheet
1Mb / 7P
Magnetic Transducer
logo
CUI INC
CSS-0578-SMT CUI-CSS-0578-SMT Datasheet
337Kb / 3P
MAGNETIC BUZZER TRANSDUCER
CT-1205H-SMT CUI-CT-1205H-SMT Datasheet
345Kb / 3P
MAGNETIC BUZZER TRANSDUCER
logo
Soberton Inc.
ST-03BLA SOBERTON-ST-03BLA Datasheet
761Kb / 7P
Magnetic Transducer
ST-04BLA SOBERTON-ST-04BLA Datasheet
749Kb / 7P
Magnetic Transducer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com